Electronic Components Datasheet Search
  English  ▼

X  

LDW43 Datasheet(PDF) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LDW43
Description  Commom Mode Choke
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LDW43 Datasheet(HTML) 6 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LDW43 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW43 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW43 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW43 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW43 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW43 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW43 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
■
Reliability
1-1.Mechanical Performance
Item
Specification
1-1-1
Board Flex
The forces applied on the right
Test device shall be soldered on the substrate
conditions must not damage
Substrate Dimension: 100x40x1.6mm
the terminal electrode and the
Deflection: 2.0mm
ferrite.
Keeping Time: 60 sec
1-1-2
Terminal Strength
The chip must not damage the
Appendix 1 Note(AEC-Q200-005):Force of 1.8 kg for 60
terminal electrode and the ferrite.
seconds.
1-1-3
Solderability
The electrodes shall be at
Pre-heating: 150℃, 1min
least 95% covered with new
Solder Composition: Sn/3.0Ag/0.5Cu
solder coating.
Solder Temperature: 245±5℃
Immersion Time: 4±1sec
1-1-4
Resistance to
Appearance:No damage
Pre-heating: 150℃, 1min
Soldering Heat
Inductance change shall
Solder Composition: Sn/Ag3.0/Cu0.5
be within ±10%.
Solder Temperature: 260±5℃
Immersion Time: 10±1sec
1-1-5 Resistance to Solvents
There must be no change in
Inductors must withstand 6 minutes of alcohol or water.
appearance or obliteration of marking.
1-1-6 Mechanical Shock
The forces applied on the right
Pulse shape:Half-sine waveform
conditions must not damage
Impact acceleration:100 g
the terminal electrode and the
Pulse duration:6 ms
ferrite.
Number of shocks:18 shocks (3 shocks for each face)
Orientation:Bottom, top, left, right, front and rear faces
1-1-7 Vibration
Appearance:No damage
Vibration waveform: Sine waveform
Inductance change shall be
Vibration frequency: 10Hz~2000Hz
within ±10%.
Vibration acceleration: 5g
Sweep rate: 0.764386otcave/minute
Duration of test: 12 cycles each of 3 orientations
20 minutes for each cycle
Vibration axes: X, Y & Z
1-2.Environmental Performance
No
Item
Specification
1-2-1 High Temperature
Appearance:No damage (for
Temperature: 125±3℃
Exposure (Storage)
microscope of CASTOR MZ-45
Time: 1000hrs
20X)Inductance change shall
Measured after exposure in the room condition for 24hrs
1-2-2 Operational Life
be within ±10%.
Temperature: 125±2℃
Appliend Current : Rated Current
Time: 1000± 24 hrs
Measured after exposure in the room condition for 24hrs
1-2-3 Biased Humidity
Temperature: 85±2℃
Relative Humidity: 85%
Time: 1000hrs
Measured after exposure in the room condition for 24hrs
1-2-4 Temperature Cycling
Total cycles: 1000 cycles
Temperature Cycling Test Conditions : -40 to +125 ℃
Soak Mode Condition : 30 minutes
Measured after exposure in the room condition for 24hrs
1-2-5 ESD
Test mode:Contact Discharge
Discharge level:±6KV, Discharge interval:1 second
Polarity of the output voltage:Positive and negative
Number of discharge:Discharge +/- for 1 time for the 2 test
points.
Test Mode:Air Discharge
Discharge level:±12KV, ±16KV, ±25KV
Discharge interval:<5 seconds
Polarity of the output voltage:Positive and negative
Number of discharge:Discharge +/- for 1 time for the
1~2 test points.
Test Method
Test Method
LDW43 Series
Rev :
www.leiditech.com
01.06.2018
6/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com