Electronic Components Datasheet Search
  English  ▼

X  

LDW43 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LDW43
Description  Commom Mode Choke
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LDW43 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LDW43 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW43 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW43 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW43 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW43 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW43 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW43 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RoHS Compliant
Halogen Free
REACH Compliant
■
Part Numbering
43
4.5x3.2x2.6
T
513
51
T
±30%
■
Recommend Reflow Profile
T
Inductance
(uH)
513
Tolerance
T
(mm)
43
Series Name
Dimensions Code
Category
LDW
-
Commom Mode Choke
LDW43 Series
Rev :
www.leiditech.com
01.06.2018
1/7


Similar Part No. - LDW43

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LDW4001 LETEX-LDW4001 Datasheet
65Kb / 3P
Reed Switch specifications
LDW4002 LETEX-LDW4002 Datasheet
98Kb / 3P
Reed Switch specifications
LDW4003 LETEX-LDW4003 Datasheet
132Kb / 3P
Reed Switch specifications
logo
Bel Fuse Inc.
LDW480 BEL-LDW480 Datasheet
569Kb / 4P
Only 73 mm width aluminum enclosure
LDW480-24 BEL-LDW480-24 Datasheet
406Kb / 4P
Single, two or three phase input AC 187 ??550 VAC
More results

Similar Description - LDW43

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA220 CLARE-LCA220 Datasheet
197Kb / 6P
Commom Input OptoMOS Relays
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
COMMON MODE CHOKE
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
Common-Mode Choke
logo
Sumida Corporation
LF2823 SUMIDA-LF2823_16 Datasheet
129Kb / 1P
AC Commom mode coil
LF2429 SUMIDA-LF2429_16 Datasheet
186Kb / 2P
AC Commom mode coil
LF2420 SUMIDA-LF2420_16 Datasheet
149Kb / 1P
AC Commom mode coil
LF2115 SUMIDA-LF2115_16 Datasheet
118Kb / 1P
AC Commom mode coil
LF2020 SUMIDA-LF2020_16 Datasheet
123Kb / 1P
AC Commom mode coil
logo
Shanghai Leiditech Elec...
LDW0735T LEIDITECH-LDW0735T Datasheet
437Kb / 7P
Commom Mode Choke
LDW LEIDITECH-LDW Datasheet
1Mb / 9P
Commom Mode Choke
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com