Electronic Components Datasheet Search
  English  ▼

X  

LDW43 Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LDW43
Description  Commom Mode Choke
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LDW43 Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LDW43 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW43 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW43 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW43 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW43 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW43 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW43 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
■
Dimensions
■
Recommended Land Pattern
unit:mm
unit:mm
■
Electrical Characteristics
Inductance
Test Freq.
RDC
Irms
Rated
Voltage
Insulation
Resistance
Tolerance
(uH)
(MHz)
(Ω)Max.
(mA)Max.
(Vdc)Max.
(MΩ)Min.
(±%)
LDW43M-113T
11
0.1
0.5
360
50
10
30
LDW43M-223T
22
0.1
0.6
310
50
10
30
LDW43M-513T
LDW43M-104T
Note: When ordering, please specify tolerance code. Tolerance: T=±30%
3. Irms for 40℃ rise above 25℃ ambient.
4. Measure Equipment:
L: HP4284A+HP42841A/HP4285A+HP42841A
RDC: CHROMA MILLIOM METER MODE 16502
Irms: HP4284A+HP42841A/HP4285A+HP42841A
Insulation Resistance: HP4339B
1. Operating temperature range -40℃~125℃(Including self - temperature rise)
2. RDC: SINGLE WIRE TEST VALUE
Part No.
LDW43 Series
51
1
1
230
50
10
30
100
1
2
200
50
10
30
Rev :
www.leiditech.com
01.06.2018
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com