Electronic Components Datasheet Search
  English  ▼

X  

AVPRO5003 Datasheet(PDF) 9 Page - TDK Electronics

Part # AVPRO5003
Description  Triple SCART A/V Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVPRO5003 Datasheet(HTML) 9 Page - TDK Electronics

Back Button AVPRO5003 Datasheet HTML 5Page - TDK Electronics AVPRO5003 Datasheet HTML 6Page - TDK Electronics AVPRO5003 Datasheet HTML 7Page - TDK Electronics AVPRO5003 Datasheet HTML 8Page - TDK Electronics AVPRO5003 Datasheet HTML 9Page - TDK Electronics AVPRO5003 Datasheet HTML 10Page - TDK Electronics AVPRO5003 Datasheet HTML 11Page - TDK Electronics AVPRO5003 Datasheet HTML 12Page - TDK Electronics AVPRO5003 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AVPro
® 5003
Triple SCART A/V Switch
9
PIN DESCRIPTIONS (continued)
NAME
TYPE
DESCRIPTION
TV_Mod
O
TV Modulator Video Output: This pin follows the composite video output to the
TV_YCout signal to the TV SCART connector. It provides composite video for an
external RF modulator. In S video mode, it provides luminance information only
TV_R
O
TV Red Output: This pin provides Red video output to the TV SCART connector
(pin 15). In S video mode, this pin provides the chroma information.
TV_C
O
TV Chroma Output:
This pin provides chroma signal to sum with TV_Mod’s
luminance when operating in S video mode for composite video signal for RF
modulator. It is on/off selectable.
TV_G
O
TV Green Output:
This pin provides Green video output to the TV SCART
connector (pin 11).
TV_B
O
TV Blue Output: This pin provides Blue video output to the TV SCART connector
(pin 7).
TV_Lout
O
TV Left Audio Output: This pin is the output to the left channel audio (pin 3) of the
TV SCART connector.
TV_Rout
O
TV Right Audio Output: This pin is the output to the right channel audio (pin1) of
the TV SCART connector.
TV_Fnc
O
Function Output TV: This pin is the function switching output to the TV SCART
connector pin 8. The output level is determined by the serial port write register.
VCR_YCout
O
VCR Video Output: This pin is the composite video output to the VCR SCART
connector (pin 20). In the SVHS mode, this pin provides luminance information
from the video encoder IC (pin Enc_Y).
VCR_Lout
O
VCR Left Audio Output: This pin is the output to the left channel audio (pin 3) of
the VCR SCART connector.
VCR_Rout
O
VCR Right Audio Output: This pin is the output to the right channel audio (pin1) of
the VCR SCART connector.
Digital Pins:
DO_0
O
Digital Output 0: This pin is a general purpose output that is controlled by serial
port register.
DO_1
O
Digital Output 1: This pin is a general purpose output that is controlled by serial
port register.
SCLK
I
Serial Clock Input: This pin accepts a serial port clock input signal.
SDATA
I
Serial Data Input: This is a tri-state pin that receives or transmits serial data.
Power/Ground Pins:
VCC
-
+5 VDC power inputs.
VEE
-
-5 VDC power inputs.
VDD
-
+12 VDC power input for function switching
Vref
-
Internal voltage reference, bypass pin. Add capacitor 4.7 uF to ground.
GND
-
Ground for all blocks.
Rbias
-
Bias point of internal current generator. Add resistor 10k to ground.
Tgen
-
Reference point for internal timing circuit. Add capacitor 470 pF to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com