Electronic Components Datasheet Search
  English  ▼

X  

AVPRO5003 Datasheet(PDF) 12 Page - TDK Electronics

Part # AVPRO5003
Description  Triple SCART A/V Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVPRO5003 Datasheet(HTML) 12 Page - TDK Electronics

Back Button AVPRO5003 Datasheet HTML 8Page - TDK Electronics AVPRO5003 Datasheet HTML 9Page - TDK Electronics AVPRO5003 Datasheet HTML 10Page - TDK Electronics AVPRO5003 Datasheet HTML 11Page - TDK Electronics AVPRO5003 Datasheet HTML 12Page - TDK Electronics AVPRO5003 Datasheet HTML 13Page - TDK Electronics AVPRO5003 Datasheet HTML 14Page - TDK Electronics AVPRO5003 Datasheet HTML 15Page - TDK Electronics AVPRO5003 Datasheet HTML 16Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
AVPro
® 5003
Triple SCART A/V Switch
12
Audio Characteristics - Unless otherwise noted, all audio outputs shall drive a load of 10 k
Ω. All audio outputs
will withstand a sustained short to ground without damage.
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
Input impedance
20
50
k
Ω
Gain
fin = 1.0 kHz, 1 Vpp
0.95
1.0
1.05
V/V
1 Vpp input
Flat within
± 0.3 dB
20
kHz
Frequency response
Measured -3 dB point
100
kHz
Signal to Noise ratio
A weighting filter
fin = 1.0 kHz, 2 Vrms, 0 dB
attenuation
90
dB
fin = 1.0 kHz, 1 Vrms, 0 dB
attenuation
.02
0.05
%
Distortion (THD)
fin = 1.0 kHz, 2 Vrms, 0 dB
attenuation
0.10
%
Output impedance
TBD
Ω
Output DC Offset
Input to Output, Stereo
-40
40
mV
Output DC Offset
Input to Output, Mod_Mono
-45
45
mV
Output phase matching
fin = 1.0 kHz, 1 Vrms; any
stereo pair
0.5
Deg.
Channel separation Left - Right
Channel separation channel - channel
fin = 1.0 kHz, 1 Vrms, 0 dB
attenuation
80
dB
Output attenuation (volume control)
TV_Lout/TV_Rout
Register 2 = xx000000, Mute =
OFF
0dB
Register 2 = xx011111, Mute =
OFF
-31
dB
Mute ON (Register 0 =
xxx1xxxx)
-75
dB
Attenuation accuracy
5 bit (0 – 31 dB)
-5
5
%
Video input = 1.0 Vpp @ 100
kHz
1.5
µsec
Audio to video path delay
Audio input = 1.0 kHz, 1 Vrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com