Electronic Components Datasheet Search
  English  ▼

X  

AVPRO5003 Datasheet(PDF) 11 Page - TDK Electronics

Part # AVPRO5003
Description  Triple SCART A/V Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVPRO5003 Datasheet(HTML) 11 Page - TDK Electronics

Back Button AVPRO5003 Datasheet HTML 7Page - TDK Electronics AVPRO5003 Datasheet HTML 8Page - TDK Electronics AVPRO5003 Datasheet HTML 9Page - TDK Electronics AVPRO5003 Datasheet HTML 10Page - TDK Electronics AVPRO5003 Datasheet HTML 11Page - TDK Electronics AVPRO5003 Datasheet HTML 12Page - TDK Electronics AVPRO5003 Datasheet HTML 13Page - TDK Electronics AVPRO5003 Datasheet HTML 14Page - TDK Electronics AVPRO5003 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AVPro
® 5003
Triple SCART A/V Switch
11
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
Digital I/O Characteristics (SCLK, SDATA)
High level input voltage
0.7*
VCC
VCC+0.3
V
Low level input voltage
GND-0.3
0.3*
VCC
V
High level input current
Vin = Vcc - 1.0V
-10
10
µA
Low level input current
Vin = 1.0V
-10
-10
µA
Low level output voltage (SDATA)
IOL = 3 mA
0.4
0.6
V
Fall time (tFT)(SDATA) acknowledge
or read
VIH MIN to VIL Max with
CL = 400 pF
250
nS
Digital I/O Characteristics (DO_0, DO_1, TV_Fnc, AUX_Fnc, VCR_Fnc)
Digital output low level output
voltage
DO_0, DO_1, Register bits
read 0
4.7 k pullup
0.4
V
TV_Fnc output level
10 k load
Register 0 = xxxxxx00
Register 0 = xxxxxx01
Register 0 = xxxxxx10 or 11
0.0
5.0
10.0
1.0
6.0
10.5
1.2
6.5
VDD
V
V
V
AUX_Fnc/VCR_Fnc
input levels
Register bits read 00
Register bits read 01
Register bits read 10
0.0
4.5
9.5
2.0
7.0
VDD
V
V
V
Video Characteristics - Unless otherwise noted, typical output loading on all video outputs is 150
Ω. All video
outputs are capable of withstanding a sustained 75 ohm load to ground without damage.
Input impedance
All video inputs
100
k
Ω
Input dynamic range
fin = 100 kHz, THD < 1.0%
1.25
Vpp
Gain
1.0 Vpp input, fin = 100 kHz
1.9
2.0
2.1
V/V
Output gain inequality
RGB or SVHS output channel
to channel
-2.5
2.5
%
Output DC level at IC pin
V
Blank level clamp voltage
RGB, CVBS or luma
1.3
V
Average level
chroma
1.9
V
Signal to noise ratio
1 Vpp input
58
65
dB
Cross talk
fin = 4.43 MHz, 1 Vpp
-45
dB
Output to output differential delay
RGB signals, fin = 100 kHz
-20
20
nsec
Input or output, logical “0”
0.0
0.4
V
Blanking level
Input or output, logical “1”
1.0
3.0
V
Blanking delay
BLANK to RGB signals
-50
50
nsec
Differential phase
TV_YCout
-3.0
2.5
Deg.
Differential gain
TV_YCout
-5
5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com