Electronic Components Datasheet Search
  English  ▼

X  

AVPRO5003 Datasheet(PDF) 14 Page - TDK Electronics

Part # AVPRO5003
Description  Triple SCART A/V Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

AVPRO5003 Datasheet(HTML) 14 Page - TDK Electronics

Back Button AVPRO5003 Datasheet HTML 9Page - TDK Electronics AVPRO5003 Datasheet HTML 10Page - TDK Electronics AVPRO5003 Datasheet HTML 11Page - TDK Electronics AVPRO5003 Datasheet HTML 12Page - TDK Electronics AVPRO5003 Datasheet HTML 13Page - TDK Electronics AVPRO5003 Datasheet HTML 14Page - TDK Electronics AVPRO5003 Datasheet HTML 15Page - TDK Electronics AVPRO5003 Datasheet HTML 16Page - TDK Electronics AVPRO5003 Datasheet HTML 17Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AVPro
® 5003
Triple SCART A/V Switch
14
TV Function Switching (Typical)
VCR/AUX Function Switching Input (Typical)
SCART Audio Input (Typical)
Internal
Pullup
TV_Fnc
Output
Pin
VDD
(+12 V)
SCART
Connector
R
L ≥
10k
Ω
ESD
Protection
Input
Pin
SCART
Connector
ESD
Protection
SCART
Connector
Input
Pin
0.01
µF
ESD
Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com