Electronic Components Datasheet Search
  English  ▼

X  

HD49330AF Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD49330AF
Description  CDS/PGA & 12-bit A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49330AF Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD49330AF Datasheet HTML 2Page - Renesas Technology Corp HD49330AF Datasheet HTML 3Page - Renesas Technology Corp HD49330AF Datasheet HTML 4Page - Renesas Technology Corp HD49330AF Datasheet HTML 5Page - Renesas Technology Corp HD49330AF Datasheet HTML 6Page - Renesas Technology Corp HD49330AF Datasheet HTML 7Page - Renesas Technology Corp HD49330AF Datasheet HTML 8Page - Renesas Technology Corp HD49330AF Datasheet HTML 9Page - Renesas Technology Corp HD49330AF Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
HD49330AF/AHF
Rev.1.0, Apr.05.2004, page 6 of 19
Internal Functions
Functional Description
• CDS input
 CCD low-frequency noise is suppressed by CDS (correlated double sampling).
 The signal level is clamped at 56 LSB to 304 LSB by resister during the OB period.
 Gain can be adjusted using 10 bits of register (0.033 dB steps) within the range from –2.36 dB to 31.40 dB. *1
• ADC input
 The center level of the input signal is clamped at 2048 LSB (Typ).
 Gain can be adjusted using 10 bits of register (0.00446 times steps) within the range from 0.57 times (–4.86 dB)
to 5.14 times (14.22 dB). *
1
• Y-IN input
 The input signal is clamped at 280 LSB (Typ) by SYNC Tip clamp.
• Automatic offset calibration of PGA and ADC
• DC offset compensation feedback for CCD and CDS
• Pre-blanking
 CDS input operation is protected by separating it from the large input signal.
 Digital output is fixed at 32 LSB.
• Digital output enable function
Note: 1. Full-scale digital output is defined as 0 dB (one time) when 1 V is input.
Operating Description
Figure 1 shows CDS/PGA + ADC function block.
Offset
calibration
logic
DC offset
feedback
logic
DAC
C3
CDS
AMP
PG
AMP
ADCIN
CDSIN
BLKFB
BLKSH
Gain setting
(register)
Clamp data
(register)
OBP
SH
AMP
BLKC
C4
C2
C1
VRT
Current
DAC
12-bit
ADC
D0 to D11
Figure 1 HD49330AF/AHF Functional Block Diagram
1. CDS (Correlated Double Sampling) Circuit
The CDS circuit extracts the voltage differential between the black level and a signal including the black level. The
black level is directly sampled at C1 by using the SPBLK pulse, buffered by the SHAMP, then provided to the
CDSAMP.
The signal level is directly sampled at C2 by using the SPSIG pulse, and provided to CDSAMP (see figure 1). The
difference between these two signal levels is extracted by the CDSAMP, which also operates as a programmable
gain amplifier at the previous stage. The CDS input is biased with VRT (2 V) during the SPBLK pulse validation
period. During the PBLK period, the above sampling and bias operation are paused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com