Electronic Components Datasheet Search
  English  ▼

X  

HD49330AF Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD49330AF
Description  CDS/PGA & 12-bit A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49330AF Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD49330AF Datasheet HTML 6Page - Renesas Technology Corp HD49330AF Datasheet HTML 7Page - Renesas Technology Corp HD49330AF Datasheet HTML 8Page - Renesas Technology Corp HD49330AF Datasheet HTML 9Page - Renesas Technology Corp HD49330AF Datasheet HTML 10Page - Renesas Technology Corp HD49330AF Datasheet HTML 11Page - Renesas Technology Corp HD49330AF Datasheet HTML 12Page - Renesas Technology Corp HD49330AF Datasheet HTML 13Page - Renesas Technology Corp HD49330AF Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
HD49330AF/AHF
Rev.1.0, Apr.05.2004, page 10 of 19
Timing Chart
Figure 2 shows the timing chart when CDSIN and ADCIN input modes are used.
~
D0 to D11
D0 to D11
Note: The phases of SPBLK and SPSIG are those when the serial data SPinv bit is set to low.
0
1
2
111213
N+1
N+2
N+11
N+12
N+13
N
N
−11
N
−10
N
−1N
CDSIN
SPBLK
SPSIG
ADCLK
N+2
N+10
N+11
N+12
N+13
N
−10
N
−11
N
−1
ADCIN
ADCLK
N
N+1
N
N+1
N
−12
• When CDSIN input mode is used
• When ADCIN input mode is used
Figure 2 Output Timing Chart when CDSIN and ADCIN Input Modes are Used
• The ADC output (D0 to D11) is output at the rising edge of the ADCLK in both modes.
• Pipe-line delay is twelve clock cycles when CDSIN is used and eleven when ADCIN is used.
• In ADCIN input mode, the input signal is sampled at the rising edge of the ADCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com