Electronic Components Datasheet Search
  English  ▼

X  

LP8733 Datasheet(PDF) 28 Page - Texas Instruments

Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LP8733_V01 Datasheet HTML 24Page - Texas Instruments LP8733_V01 Datasheet HTML 25Page - Texas Instruments LP8733_V01 Datasheet HTML 26Page - Texas Instruments LP8733_V01 Datasheet HTML 27Page - Texas Instruments LP8733_V01 Datasheet HTML 28Page - Texas Instruments LP8733_V01 Datasheet HTML 29Page - Texas Instruments LP8733_V01 Datasheet HTML 30Page - Texas Instruments LP8733_V01 Datasheet HTML 31Page - Texas Instruments LP8733_V01 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 86 page
background image
28
LP8733
SNVSBK2 – SEPTEMBER 2019
www.ti.com
Product Folder Links: LP8733
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7.3.7 Device Reset Scenarios
There are two reset methods implemented on the LP8733xx:
•
Software reset with the SW_RESET bit in the RESET register.
•
Undervoltage lockout (UVLO) reset from the VANA supply.
An software reset occurs when 1 is written to the SW_RESET bit. The bit is automatically cleared after writing.
This event disables all the regulators immediately, drives the GPO or GPO2 signals low, resets all the register
bits to the default values, and loads the OTP bits (see Figure 22). The I2C interface is not reset during a software
reset.
If the VANA supply voltage falls below the UVLO threshold level, then all the regulators are disabled immediately,
the GPO or GPO2 signals are driven low, and all the register bits are reset to the default values. When the VANA
supply voltage transitions above the UVLO threshold level, an internal POR occurs. The OTP bits are loaded to
the registers and a startup is initiated according to the register settings.
7.3.8 Diagnosis and Protection Features
The LP8733xx is capable of providing four levels of protection features:
•
Information of valid regulator output voltage, which sets interrupt or PGOOD signal.
•
Warnings for diagnosis, which sets interrupt.
•
Protection events, which are disabling the regulators.
•
Faults, which are causing the device to shutdown.
The LP8733xx sets the flag bits indicating what protection or warning conditions have occurred, and the nINT pin
is pulled low. The nINT is released again after a clear of flags is complete. The nINT signal stays low until all the
pending interrupts are cleared.
When a fault is detected or software requested reset, it is indicated by a RESET_REG_INT interrupt flag in the
INT_TOP_2 register after next start-up. If the RESET_REG_MASK is set to masked in the OTP, then the
interrupt is not generated. The mask bit change with I2C does not affect, because the RESET_REG_MASK bit is
loaded from the OTP during reset sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com