Electronic Components Datasheet Search
  English  ▼

X  

LP8733 Datasheet(PDF) 62 Page - Texas Instruments

Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 62 Page - Texas Instruments

Back Button LP8733_V01 Datasheet HTML 58Page - Texas Instruments LP8733_V01 Datasheet HTML 59Page - Texas Instruments LP8733_V01 Datasheet HTML 60Page - Texas Instruments LP8733_V01 Datasheet HTML 61Page - Texas Instruments LP8733_V01 Datasheet HTML 62Page - Texas Instruments LP8733_V01 Datasheet HTML 63Page - Texas Instruments LP8733_V01 Datasheet HTML 64Page - Texas Instruments LP8733_V01 Datasheet HTML 65Page - Texas Instruments LP8733_V01 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 86 page
background image
62
LP8733
SNVSBK2 – SEPTEMBER 2019
www.ti.com
Product Folder Links: LP8733
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 46. I_LOAD_1 Register Field Descriptions
Bits
Field
Type
Default
Description
7:0
BUCK_LOAD_
CURRENT[7:0]
R
0000 0000 This register describes 8 LSB bits of the average load current on the selected
regulator with a resolution of 20 mA per LSB and maximum 10.22-A current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com