Electronic Components Datasheet Search
  English  ▼

X  

LP8733 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP8733_V01 Datasheet HTML 8Page - Texas Instruments LP8733_V01 Datasheet HTML 9Page - Texas Instruments LP8733_V01 Datasheet HTML 10Page - Texas Instruments LP8733_V01 Datasheet HTML 11Page - Texas Instruments LP8733_V01 Datasheet HTML 12Page - Texas Instruments LP8733_V01 Datasheet HTML 13Page - Texas Instruments LP8733_V01 Datasheet HTML 14Page - Texas Instruments LP8733_V01 Datasheet HTML 15Page - Texas Instruments LP8733_V01 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 86 page
background image
12
LP8733
SNVSBK2 – SEPTEMBER 2019
www.ti.com
Product Folder Links: LP8733
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Cb refers to the capacitance of one bus line.
6.6 I
2C Serial Bus Timing Parameters
These specifications are ensured by design. Unless otherwise noted, VIN_Bx = 3.7 V. See
(1) and Figure 1.
MIN
MAX
UNIT
fSCL
Serial clock frequency
Standard mode
100
kHz
Fast mode
400
Fast mode+
1
MHz
High-speed mode, Cb = 100 pF
3.4
High-speed mode, Cb = 400 pF
1.7
tLOW
SCL low time
Standard mode
4.7
µs
Fast mode
1.3
Fast mode+
0.5
High-speed mode, Cb = 100 pF
0.16
High-speed mode, Cb = 400 pF
0.32
tHIGH
SCL high time
Standard mode
4
µs
Fast mode
0.6
Fast mode+
0.26
High-speed mode, Cb = 100 pF
0.06
High-speed mode, Cb = 400 pF
0.12
tSU;DAT
Data setup time
Standard mode
250
ns
Fast mode
100
Fast mode+
50
High-speed mode
10
tHD;DAT
Data hold time
Standard mode
10
3450
ns
Fast mode
10
900
Fast mode+
10
High-speed mode, Cb = 100 pF
10
70
High-speed mode, Cb = 400 pF
10
150
tSU;STA
Setup time for a start or
a repeated start
condition
Standard mode
4.7
µs
Fast mode
0.6
Fast mode+
0.26
High-speed mode
0.16
tHD;STA
Hold time for a start or a
repeated start condition
Standard mode
4
µs
Fast mode
0.6
Fast mode+
0.26
High-speed mode
0.16
tBUF
Bus free time between a
stop and start condition
Standard mode
4.7
µs
Fast mode
1.3
Fast mode +
0.5
tSU;STO
Setup time for a stop
condition
Standard mode
4
µs
Fast mode
0.6
Fast mode+
0.26
High-speed mode
0.16
trDA
Rise time of SDA signal
Standard mode
1000
ns
Fast mode
20
300
Fast mode+
120
High-speed mode, Cb = 100 pF
10
80
High-speed mode, Cb = 400 pF
20
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com