Electronic Components Datasheet Search
  English  ▼

X  

LP8733 Datasheet(PDF) 69 Page - Texas Instruments

Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 69 Page - Texas Instruments

Back Button LP8733_V01 Datasheet HTML 65Page - Texas Instruments LP8733_V01 Datasheet HTML 66Page - Texas Instruments LP8733_V01 Datasheet HTML 67Page - Texas Instruments LP8733_V01 Datasheet HTML 68Page - Texas Instruments LP8733_V01 Datasheet HTML 69Page - Texas Instruments LP8733_V01 Datasheet HTML 70Page - Texas Instruments LP8733_V01 Datasheet HTML 71Page - Texas Instruments LP8733_V01 Datasheet HTML 72Page - Texas Instruments LP8733_V01 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 86 page
background image
Output Current (A)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0.98
0.985
0.99
0.995
1
1.005
1.01
1.015
1.02
D019
Vin=3.3V, AUTO
Vin=5.0V, AUTO
Output Current (A)
0
0.2
0.4
0.6
0.8
1
0.98
0.984
0.988
0.992
0.996
1
1.004
1.008
1.012
1.016
1.02
D020
Vin=3.3V, AUTO
Vin=5.0V, AUTO
Output Current (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
0.98
0.984
0.988
0.992
0.996
1
1.004
1.008
1.012
1.016
1.02
D017
Vin=3.3V, FPWM
Vin=5.0V, FPWM
Output Current (A)
0
0.5
1
1.5
2
2.5
3
0.98
0.984
0.988
0.992
0.996
1
1.004
1.008
1.012
1.016
1.02
D015
Vin=3.3V, FPWM
Vin=5.0V, FPWM
Output Current (A)
0.001
0.01
0.1
1
6
40
50
60
70
80
90
100
D013
Vout=1V
Vout=1.8V
Vout=2.5V
Output Current (A)
0.001
0.01
0.1
1
3
40
50
60
70
80
90
100
D011
Vout=1V
Vout=1.8V
Vout=2.5V
69
LP8733
www.ti.com
SNVSBK2 – SEPTEMBER 2019
Product Folder Links: LP8733
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
VIN = 5 V
Figure 75. Buck Efficiency in Forced PWM Mode (Single-
Phase Output)
VIN = 5 V
Figure 76. Buck Efficiency in Forced PWM Mode (Dual-
Phase Output)
VOUT = 1 V
Figure 77. Buck Output Voltage vs Load Current in Forced
PWM Mode (Single-Phase Output)
VOUT = 1 V
Figure 78. Buck Output Voltage vs Load Current in Forced
PWM Mode (Dual-Phase Output)
VOUT = 1 V
Figure 79. Buck Output Voltage vs Load Current in
PFM/PWM Mode (Single-Phase Output)
VOUT = 1 V
Figure 80. Buck Output Voltage vs Load Current in
PFM/PWM Mode (Dual-Phase Output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com