Electronic Components Datasheet Search
  English  ▼

X  

LT1963EST Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LT1963EST
Description  1.5A, Low Noise, Fast Transient Response LDO Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1963EST Datasheet(HTML) 1 Page - Linear Integrated Systems

  LT1963EST Datasheet HTML 1Page - Linear Integrated Systems LT1963EST Datasheet HTML 2Page - Linear Integrated Systems LT1963EST Datasheet HTML 3Page - Linear Integrated Systems LT1963EST Datasheet HTML 4Page - Linear Integrated Systems LT1963EST Datasheet HTML 5Page - Linear Integrated Systems LT1963EST Datasheet HTML 6Page - Linear Integrated Systems LT1963EST Datasheet HTML 7Page - Linear Integrated Systems LT1963EST Datasheet HTML 8Page - Linear Integrated Systems LT1963EST Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1963 Series
1963fa
TYPICAL APPLICATION
APPLICATIO S
FEATURES
DESCRIPTIO
1.5A, Low Noise,
Fast Transient Response
LDO Regulators
s
Optimized for Fast Transient Response
s
Output Current: 1.5A
s
Dropout Voltage: 340mV
s
Low Noise: 40
µVRMS (10Hz to 100kHz)
s
1mA Quiescent Current
s
No Protection Diodes Needed
s
Controlled Quiescent Current in Dropout
s
Fixed Output Voltages: 1.5V, 1.8V, 2.5V, 3.3V
s
Adjustable Output from 1.21V to 20V
s
<1
µA Quiescent Current in Shutdown
s
Stable with 10
µF Output Capacitor
s
Reverse Battery Protection
s
No Reverse Current
s
Thermal Limiting
The LT
®1963 series are low dropout regulators optimized
for fast transient response. The devices are capable of
supplying 1.5A of output current with a dropout voltage of
340mV. Operating quiescent current is 1mA, dropping to
<1
µA in shutdown. Quiescent current is well controlled; it
does not rise in dropout as it does with many other
regulators. In addition to fast transient response, the
LT1963 regulators have very low output noise which
makes them ideal for sensitive RF supply applications.
Output voltage range is from 1.21V to 20V. The LT1963
regulators are stable with output capacitors as low as
10
µF.Internalprotectioncircuitryincludesreversebattery
protection, current limiting, thermal limiting and reverse
current protection. The devices are available in fixed
output voltages of 1.5V, 1.8V, 2.5V, 3.3V and as an
adjustable device with a 1.21V reference voltage. The
LT1963 regulators are available in 5-lead TO-220, DD,
3-lead SOT-223 and 8-lead SO packages.
3.3V to 2.5V Regulator
s
3.3V to 2.5V Logic Power Supplies
s
Post Regulator for Switching Supplies
, LTC and LT are registered trademarks of Linear Technology Corporation.
IN
SHDN
10
µF
1963 TA01
OUT
VIN > 3V
SENSE
GND
LT1963-2.5
2.5V
1.5A
10
µF
+
+
OUTPUT CURRENT (A)
0
200
300
1.6
1963 TA02
100
0
0.4
0.8
1.2
0.2
0.6
1.0
1.4
400
150
250
50
350
Dropout Voltage


Similar Part No. - LT1963EST

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1963EST-1.5 LINER-LT1963EST-1.5 Datasheet
271Kb / 20P
1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963EST-1.8 LINER-LT1963EST-1.8 Datasheet
271Kb / 20P
1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963EST-2.5 LINER-LT1963EST-2.5 Datasheet
271Kb / 20P
1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963EST-3.3 LINER-LT1963EST-3.3 Datasheet
271Kb / 20P
1.5A, Low Noise, Fast Transient Response LDO Regulators
More results

Similar Description - LT1963EST

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1963AES8 LINER-LT1963AES8 Datasheet
278Kb / 20P
1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963 LINER-LT1963 Datasheet
271Kb / 20P
1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A Datasheet
777Kb / 28P
1.5A, Low Noise,Fast Transient Response LDO Regulators
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Dimensions Semic...
LT1963AES8 LINEAR_DIMENSIONS-LT1963AES8 Datasheet
787Kb / 28P
1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963AEQ LINEAR-LT1963AEQ Datasheet
554Kb / 28P
1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963 LINER-LT1963_15 Datasheet
276Kb / 20P
1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com