Electronic Components Datasheet Search
  English  ▼

X  

LT1963EST Datasheet(PDF) 10 Page - Linear Integrated Systems

Part # LT1963EST
Description  1.5A, Low Noise, Fast Transient Response LDO Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1963EST Datasheet(HTML) 10 Page - Linear Integrated Systems

Back Button LT1963EST Datasheet HTML 6Page - Linear Integrated Systems LT1963EST Datasheet HTML 7Page - Linear Integrated Systems LT1963EST Datasheet HTML 8Page - Linear Integrated Systems LT1963EST Datasheet HTML 9Page - Linear Integrated Systems LT1963EST Datasheet HTML 10Page - Linear Integrated Systems LT1963EST Datasheet HTML 11Page - Linear Integrated Systems LT1963EST Datasheet HTML 12Page - Linear Integrated Systems LT1963EST Datasheet HTML 13Page - Linear Integrated Systems LT1963EST Datasheet HTML 14Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1963 Series
1963fa
Figure 2. Adjustable Operation
IN
1963 F02
R2
OUT
VIN
VOUT
ADJ
GND
LT1963
R1
+
VV
R
R
IR
VV
IA
OUT
ADJ
ADJ
ADJ
=+


+
()( )
=
=°
121 1
2
1
2
121
3
.
.
µ AT 25 C
OUTPUT RANGE = 1.21V TO 20V
APPLICATIO S I FOR ATIO
The LT1963 series are 1.5A low dropout regulators opti-
mized for fast transient response. The devices are capable
of supplying 1.5A at a dropout voltage of 350mV. The low
operating quiescent current (1mA) drops to less than 1
µA
in shutdown. In addition to the low quiescent current, the
LT1963 regulators incorporate several protection features
which make them ideal for use in battery-powered sys-
tems. The devices are protected against both reverse input
and reverse output voltages. In battery backup applica-
tions where the output can be held up by a backup battery
when the input is pulled to ground, the LT1963-X acts like
it has a diode in series with its output and prevents reverse
current flow. Additionally, in dual supply applications
where the regulator load is returned to a negative supply,
the output can be pulled below ground by as much as 20V
and still allow the device to start and operate.
Adjustable Operation
The adjustable version of the LT1963 has an output
voltage range of 1.21V to 20V. The output voltage is set by
the ratio of two external resistors as shown in Figure 2. The
device servos the output to maintain the voltage at the ADJ
pin at 1.21V referenced to ground. The current in R1 is
then equal to 1.21V/R1 and the current in R2 is the current
in R1 plus the ADJ pin bias current. The ADJ pin bias
current, 3
µA at 25°C, flows through R2 into the ADJ pin.
The output voltage can be calculated using the formula in
Figure 2. The value of R1 should be less than 4.17k to
minimize errors in the output voltage caused by the ADJ
pin bias current. Note that in shutdown the output is turned
off and the divider current will be zero.
The adjustable device is tested and specified with the ADJ
pin tied to the OUT pin for an output voltage of 1.21V.
Specifications for output voltages greater than 1.21V will
be proportional to the ratio of the desired output voltage to
1.21V: VOUT/1.21V. For example, load regulation for an
output current change of 1mA to 1.5A is – 3mV typical at
VOUT = 1.21V. At VOUT = 5V, load regulation is:
(5V/1.21V)(–3mV) = – 12.4mV
Output Capacitance and Transient Response
The LT1963 regulators are designed to be stable with a
wide range of output capacitors. The ESR of the output
capacitor affects stability, most notably with small capaci-
tors. A minimum output capacitor of 10
µF with an ESR in
the range of 50m
Ω to 3Ω is recommended to prevent
oscillations. Larger values of output capacitance can de-
crease the peak deviations and provide improved transient
response for larger load current changes. Bypass capaci-
tors, used to decouple individual components powered by
the LT1963, will increase the effective output capacitor
value.
Extra consideration must be given to the use of ceramic
capacitors. In some applications, the use of ceramic
capacitors with an ESR below 50m
Ω can cause oscilla-
tions. Please consult our Applications Engineering depart-
ment for help with any issues concerning the use of
ceramic output capacitors. Ceramic capacitors are manu-
factured with a variety of dielectrics, each with different
behavior over temperature and applied voltage. The most
common dielectrics used are Z5U, Y5V, X5R and X7R. The
Z5U and Y5V dielectrics are good for providing high
capacitances in a small package, but exhibit strong voltage
and temperature coefficients as shown in Figures 3 and 4.
When used with a 5V regulator, a 10
µF Y5V capacitor can
exhibit an effective value as low as 1
µF to 2µF over the
operating temperature range. The X5R and X7R dielectrics
result in more stable characteristics and are more suitable
for use as the output capacitor. The X7R type has better
stability across temperature, while the X5R is less expen-
sive and is available in higher values.
Voltage and temperature coefficients are not the only
sources of problems. Some ceramic capacitors have a
piezoelectric response. A piezoelectric device generates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com