Electronic Components Datasheet Search
  English  ▼

X  

LT1963EST Datasheet(PDF) 16 Page - Linear Integrated Systems

Part # LT1963EST
Description  1.5A, Low Noise, Fast Transient Response LDO Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1963EST Datasheet(HTML) 16 Page - Linear Integrated Systems

Back Button LT1963EST Datasheet HTML 8Page - Linear Integrated Systems LT1963EST Datasheet HTML 9Page - Linear Integrated Systems LT1963EST Datasheet HTML 10Page - Linear Integrated Systems LT1963EST Datasheet HTML 11Page - Linear Integrated Systems LT1963EST Datasheet HTML 12Page - Linear Integrated Systems LT1963EST Datasheet HTML 13Page - Linear Integrated Systems LT1963EST Datasheet HTML 14Page - Linear Integrated Systems LT1963EST Datasheet HTML 15Page - Linear Integrated Systems LT1963EST Datasheet HTML 16Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1963 Series
1963fa
PART NUMBER
DESCRIPTION
COMMENTS
LT1120
125mA Low Dropout Regulator with 20
µA IQ
Includes 2.5V Reference and Comparator
LT1121
150mA Micropower Low Dropout Regulator
30
µA IQ, SOT-223 Package
LT1129
700mA Micropower Low Dropout Regulator
50
µA Quiescent Current
LT1175
500mA Negative Low Dropout Micropower Regulator
45
µA IQ, 0.26V Dropout Voltage, SOT-223 Package
LT1521
300mA Low Dropout Micropower Regulator with Shutdown
15
µA IQ, Reverse Battery Protection
LT1529
3A Low Dropout Regulator with 50
µA IQ
500mV Dropout Voltage
LT1772
Constant Frequency, Current Mode Step-Down DC/DC Controller
Up to 94% Efficiency, SOT-23 Package, 100% Duty Cycle
LTC1627
High Efficiency Synchronous Step-Down Switching Regulator
Burst Mode
TM Operation, Monolithic, 100% Duty Cycle
LT1761 Series
100mA, Low Noise, Low Dropout Micropower Regulators in SOT-23
20
µA Quiescent Current, 20µVRMS Noise, SOT-23 Package
LT1762 Series
150mA, Low Noise, LDO Micropower Regulators
25
µA Quiescent Current, 20µVRMS Noise, MSOP Package
LT1763 Series
500mA, Low Noise, LDO Micropower Regulators
30
µA Quiescent Current, 20µVRMS Noise, SO-8 Package
LT1764 Series
3A, Fast Transient Response Low Dropout Regulator
340mV Dropout Voltage, 40
µVRMS Noise
LT1962 Series
300mA, Low Noise, LDO Micropower Regulator
30
µA Quiescent Current, 20µVRMS Noise, MSOP Package
Burst Mode is a trademark of Linear Technology Corporation.
LT/TP 0602 1.5K REV A • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2000
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
RELATED PARTS
LT1963-3.3
IN
SHDN
OUT
FB
GND
LT1963
IN
SHDN
OUT
FB
GND
+
+
R1
0.01
Ω
R2
0.01
Ω
R3
2.2k
R4
2.2k
R5
1k
R6
6.65k
R7
4.12k
C1
100
µF
C3
0.01
µF
C2
22
µF
VIN > 3.7V
SHDN
3.3V
3A
8
4
3
2
1
–
+
1/2
LT1366
1963 TA05
TYPICAL APPLICATIO S
Paralleling of Regulators for Higher Output Current
+
LT1004-1.2
VIN > 2.7V
C1
10
µF
R3
2k
R1
1k
R2
80.6k
R4
2.2k
R5
0.01
Ω
R6
2.2k
LT1963-1.8
IN
SHDN
OUT
FB
GND
–
+
1/2
LT1366
R8
100k
LOAD
R7
470
Ω
2
1
8
3
4
C3
1
µF
C2
3.3
µF
1963 TA04
NOTE: ADJUST R1 FOR
0A TO 1.5A CONSTANT CURRENT
Adjustable Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com