Electronic Components Datasheet Search
  English  ▼

X  

LT1963EST Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LT1963EST
Description  1.5A, Low Noise, Fast Transient Response LDO Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1963EST Datasheet(HTML) 3 Page - Linear Integrated Systems

  LT1963EST Datasheet HTML 1Page - Linear Integrated Systems LT1963EST Datasheet HTML 2Page - Linear Integrated Systems LT1963EST Datasheet HTML 3Page - Linear Integrated Systems LT1963EST Datasheet HTML 4Page - Linear Integrated Systems LT1963EST Datasheet HTML 5Page - Linear Integrated Systems LT1963EST Datasheet HTML 6Page - Linear Integrated Systems LT1963EST Datasheet HTML 7Page - Linear Integrated Systems LT1963EST Datasheet HTML 8Page - Linear Integrated Systems LT1963EST Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1963 Series
1963fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LT1963-2.5
VIN = 3V, ILOAD = 1mA
2.462
2.500
2.538
V
3.5V < VIN < 20V, 1mA < ILOAD < 1.5A
q
2.412
2.500
2.575
V
LT1963-3.3
VIN = 3.8V, ILOAD = 1mA
3.250
3.300
3.350
V
4.3V < VIN < 20V, 1mA < ILOAD < 1.5A
q
3.200
3.300
3.400
V
ADJ Pin Voltage
LT1963
VIN = 2.21V, ILOAD = 1mA
1.192
1.210
1.228
V
(Notes 4, 5)
2.5V < VIN < 20V, 1mA < ILOAD < 1.5A
q
1.174
1.210
1.246
V
Line Regulation
LT1963-1.5
∆VIN = 2.21V to 20V, ILOAD = 1mA
q
2.0
10
mV
LT1963-1.8
∆VIN = 2.3V to 20V, ILOAD = 1mA
q
2.5
10
mV
LT1963-2.5
∆VIN = 3V to 20V, ILOAD = 1mA
q
3.0
10
mV
LT1963-3.3
∆VIN = 3.8V to 20V, ILOAD = 1mA
q
3.5
10
mV
LT1963 (Note 4)
∆VIN = 2.21V to 20V, ILOAD = 1mA
q
1.5
10
mV
Load Regulation
LT1963-1.5
VIN = 2.5V, ∆ILOAD = 1mA to 1.5A
2
9
mV
VIN = 2.5V, ∆ILOAD = 1mA to 1.5A
q
18
mV
LT1963-1.8
VIN = 2.8V, ∆ILOAD = 1mA to 1.5A
2
10
mV
VIN = 2.8V, ∆ILOAD = 1mA to 1.5A
q
20
mV
LT1963-2.5
VIN = 3.5V, ∆ILOAD = 1mA to 1.5A
2.5
15
mV
VIN = 3.5V, ∆ILOAD = 1mA to 1.5A
q
30
mV
LT1963-3.3
VIN = 4.3V, ∆ILOAD = 1mA to 1.5A
3
20
mV
VIN = 4.3V, ∆ILOAD = 1mA to 1.5A
q
35
mV
LT1963 (Note 4) VIN = 2.5V, ∆ILOAD = 1mA to 1.5A
2
8
mV
VIN = 2.5V, ∆ILOAD = 1mA to 1.5A
q
15
mV
Dropout Voltage
ILOAD = 1mA
0.02
0.06
V
VIN = VOUT(NOMINAL)
ILOAD = 1mA
q
0.10
V
(Notes 6, 7, 12)
ILOAD = 100mA
0.10
0.17
V
ILOAD = 100mA
q
0.22
V
ILOAD = 500mA
0.19
0.27
V
ILOAD = 500mA
q
0.35
V
ILOAD = 1.5A
0.34
0.45
V
ILOAD = 1.5A
q
0.55
V
GND Pin Current
ILOAD = 0mA
q
1.0
1.5
mA
VIN = VOUT(NOMINAL) + 1V
ILOAD = 1mA
q
1.1
1.6
mA
(Notes 6, 8)
ILOAD = 100mA
q
3.8
5.5
mA
ILOAD = 500mA
q
15
25
mA
ILOAD = 1.5A
q
80
120
mA
Output Voltage Noise
COUT = 10µF, ILOAD = 1.5A, BW = 10Hz to 100kHz
40
µVRMS
ADJ Pin Bias Current
(Notes 4, 9)
3
10
µA
Shutdown Threshold
VOUT = Off to On
q
0.90
2
V
VOUT = On to Off
q
0.25
0.75
V
SHDN Pin Current
VSHDN = 0V
0.01
1
µA
(Note 10)
VSHDN = 20V
3
30
µA
Quiescent Current in Shutdown
VIN = 6V, VSHDN = 0V
0.01
1
µA
Ripple Rejection
VIN – VOUT = 1.5V (Avg), VRIPPLE = 0.5VP-P,55
63
dB
fRIPPLE = 120Hz, ILOAD = 0.75A
Current Limit
VIN = 7V, VOUT = 0V
2
A
VIN = VOUT(NOMINAL) + 1V, ∆VOUT = – 0.1V
q
1.6
A
Input Reverse Leakage Current (Note 13)
Q, T, S8 Packages VIN = – 20V, VOUT = 0V
q
1mA
ST Package
VIN = – 20V, VOUT = 0V
q
2mA
Reverse Output Current (Note 11)
LT1963-1.5
VOUT = 1.5V, VIN < 1.5V
600
1200
µA
LT1963-1.8
VOUT = 1.8V, VIN < 1.8V
600
1200
µA
LT1963-2.5
VOUT = 2.5V, VIN < 2.5V
600
1200
µA
LT1963-3.3
VOUT = 3.3V, VIN < 3.3V
600
1200
µA
LT1963 (Note 4) VOUT = 1.21V, VIN < 1.21V
300
600
µA
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 2)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com