Electronic Components Datasheet Search
  English  ▼

X  

TMUX7208 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7208
Description  TMUX720x 44-V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7208 Datasheet(HTML) 4 Page - Texas Instruments

  TMUX7208 Datasheet HTML 1Page - Texas Instruments TMUX7208 Datasheet HTML 2Page - Texas Instruments TMUX7208 Datasheet HTML 3Page - Texas Instruments TMUX7208 Datasheet HTML 4Page - Texas Instruments TMUX7208 Datasheet HTML 5Page - Texas Instruments TMUX7208 Datasheet HTML 6Page - Texas Instruments TMUX7208 Datasheet HTML 7Page - Texas Instruments TMUX7208 Datasheet HTML 8Page - Texas Instruments TMUX7208 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
6 Pin Configuration and Functions
1
A0
16
A1
2
EN
15
A2
3
VSS
14
GND
4
S1
13
VDD
5
S2
12
S5
6
S3
11
S6
7
S4
10
S7
8
D
9
S8
Not to scale
Figure 6-1. TMUX7208: PW Package 16-Pin TSSOP
Top View
1
VSS
12
GND
2
S1
11
VDD
3
S2
10
S5
4
S3
9
S6
Not to scale
Thermal
Pad
Figure 6-2. TMUX7208: RUM Package 16-Pin WQFN
Top View
Table 6-1. TMUX7208 Pin Functions
NAME
PW NO.
RUM NO.
TYPE(1)
DESCRIPTION(2)
A0
1
15
I
Logic control input, has internal pull-down resistor. Controls the switch configuration as
shown in Section 9.5.
A1
16
14
I
Logic control input, has internal pull-down resistor. Controls the switch configuration as
shown in Section 9.5.
A2
15
13
I
Logic control input, has internal pull-down resistor. Controls the switch configuration as
shown in Section 9.5.
D
8
6
I/O
Drain pin. Can be an input or output.
EN
2
16
I
Active high logic enable, has internal pull-down resistor. When this pin is low, all switches
are turned off. When this pin is high, the Ax logic input determines which switch is turned
on.
GND
14
12
P
Ground (0 V) reference.
S1
4
2
I/O
Source pin 1. Can be an input or output.
S2
5
3
I/O
Source pin 2. Can be an input or output.
S3
6
4
I/O
Source pin 3. Can be an input or output.
S4
7
5
I/O
Source pin 4. Can be an input or output.
S5
12
10
I/O
Source pin 5. Can be an input or output.
S6
11
9
I/O
Source pin 6. Can be an input or output.
S7
10
8
I/O
Source pin 7. Can be an input or output.
S8
9
7
I/O
Source pin 8. Can be an input or output.
VDD
13
11
P
Positive power supply. This pin is the most positive power-supply potential. For reliable
operation, connect a decoupling capacitor ranging from 0.1 μF to 10 μF between VDD and
GND.
VSS
3
1
P
Negative power supply. This pin is the most negative power-supply potential. In single-
supply applications, this pin can be connected to ground. For reliable operation, connect a
decoupling capacitor ranging from 0.1 μF to 10 μF between VSS and GND.
Thermal Pad
—
The thermal pad is not connected internally. No requirement to solder this pad, if
connected it is recommended that the pad be left floating or tied to GND.
(1)
I = input, O = output, I/O = input and output, P = power.
(2)
Refer to Section 9.4 for what to do with unused pins.
TMUX7208, TMUX7209
SCDS418B – JULY 2020 – REVISED APRIL 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7208 TMUX7209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com