Electronic Components Datasheet Search
  English  ▼

X  

TPS2014P Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS2014P
Description  POWER-DISTRIBUTION SWITCHES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014P Datasheet(HTML) 5 Page - Texas Instruments

  TPS2014P Datasheet HTML 1Page - Texas Instruments TPS2014P Datasheet HTML 2Page - Texas Instruments TPS2014P Datasheet HTML 3Page - Texas Instruments TPS2014P Datasheet HTML 4Page - Texas Instruments TPS2014P Datasheet HTML 5Page - Texas Instruments TPS2014P Datasheet HTML 6Page - Texas Instruments TPS2014P Datasheet HTML 7Page - Texas Instruments TPS2014P Datasheet HTML 8Page - Texas Instruments TPS2014P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS2014
TPS2015
SLVS159D – DECEMBER 1996 – REVISED SEPTEMBER 2007
over operating free-air temperature range (unless otherwise noted)
(1)
UNIT
VI
(2)
Input voltage range
-0.3 V to 7 V
VO
(2)
Output voltage range
-0.3 V to VI(IN) + 0.3 V
VI at EN
Input voltage range
-0.3 V to 7 V
IO
Continuous output current
Internally limited
Continuous total power dissipation
See Dissipation Rating Table
TJ
Operating virtual junction temperature range
0C to 125C
Tstg
Storage temperature range,
-65C to 150C
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND.
DISSIPATION RATING TABLE
TA ≤ 25°C
DERATING FACTOR
TA = 70C
TA = 125C
PACKAGE
POWER RATING
ABOVE TA = 25C
POWER RATING
POWER RATING
P
1175 mW
9.4 mW/°C
752 mW
235 mW
D
725 mW
5.8 mW/°C
464 mW
145 mW
MIN
MAX
UNIT
VI
Input voltage
4
5.5
V
VI at EN
Input voltage
0
5.5
V
TPS2014
0
0.6
IO
Continuous output current
A
TPS2015
0
1
TJ
Operating virtual junction temperature
0
125
C
over recommended operating junction temperature range, VI(IN) = 5.5 V, IO = rated current, EN = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
VI = 5.5 V,
TJ = 25C
75
95
VI = 5 V,
TJ = 25C
80
95
m
Ω
ron
On-state resistance
VI = 4.5V,
TJ = 25C
90
110
VI = 4 V,
TJ = 25C
96
110
EN = VI,
TJ = 25C
0.001
1
A
EN = VI,
0°C
≤ TJ ≤ 125°C
10
Ilkg
Leakage current, output
VI = 5.5 V,
TJ = 25C,
CL = 1 F
4
ms
VI = 4 V,
TJ = 25C,
CL = 1 F
3.8
VI = 5.5 V,
TJ = 25C,
CL = 1 F
3.9
tf
Fall time, output
ms
VI = 4 V,
TJ = 25C,
CL = 1 F
3.5
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
Copyright © 1996–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS2014 TPS2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com