Electronic Components Datasheet Search
  English  ▼

X  

TPS2014P Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS2014P
Description  POWER-DISTRIBUTION SWITCHES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014P Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2014P Datasheet HTML 6Page - Texas Instruments TPS2014P Datasheet HTML 7Page - Texas Instruments TPS2014P Datasheet HTML 8Page - Texas Instruments TPS2014P Datasheet HTML 9Page - Texas Instruments TPS2014P Datasheet HTML 10Page - Texas Instruments TPS2014P Datasheet HTML 11Page - Texas Instruments TPS2014P Datasheet HTML 12Page - Texas Instruments TPS2014P Datasheet HTML 13Page - Texas Instruments TPS2014P Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs START HERE
4
5
4.75
4.5
4.25
4.25
4.5
4.75
5
VI - InputVoltage V
-
4
3.75
3.4
5.25
5.5
TJ =25 C
°
CL =1 F
m
4
20
18.4
16.8
4.25
4.5
4.75
5
VI - InputVoltage V
-
15.2
13.6
12
5.25
5.5
TJ =25 C
°
CL =1 F
m
TPS2014
TPS2015
SLVS159D – DECEMBER 1996 – REVISED SEPTEMBER 2007
FIGURE
Turn-On Delay Time
vs Input Voltage
9
Turn-Off Delay Time
vs Input Voltage
10
Rise Time
vs Output Current
11
Fall Time
vs Output Current
12
Supply Current, Output Enabled
vs Junction Temperature
13
Supply Current, Output Enabled
vs Junction Temperature
14
Supply Current, Output Enabled
vs Input Voltage
15
Supply Current, Output Enabled
vs Input Voltage
16
On-State Resistance
vs Junction Temperature
17
On-State Resistance
vs Input Voltage
18
Input Voltage to Output Voltage
vs Input Voltage
19
Short-Circuit Output Current
vs Input Voltage
20
Threshold Trip Current
vs Input Voltage
21
Short-Circuit Output Current
vs Junction Temperature
22
UVLO Trip Voltage
vs Junction Temperature
23
TURNON DELAY TIME
TURNOFF DELAY TIME
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 9.
Figure 10.
10
Submit Documentation Feedback
Copyright © 1996–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS2014 TPS2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com