Electronic Components Datasheet Search
  English  ▼

X  

TPS2014P Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS2014P
Description  POWER-DISTRIBUTION SWITCHES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014P Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS2014P Datasheet HTML 13Page - Texas Instruments TPS2014P Datasheet HTML 14Page - Texas Instruments TPS2014P Datasheet HTML 15Page - Texas Instruments TPS2014P Datasheet HTML 16Page - Texas Instruments TPS2014P Datasheet HTML 17Page - Texas Instruments TPS2014P Datasheet HTML 18Page - Texas Instruments TPS2014P Datasheet HTML 19Page - Texas Instruments TPS2014P Datasheet HTML 20Page - Texas Instruments TPS2014P Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
www.ti.com
OUT
OUT
OUT
2
3
5
4
EN
OC
IN
IN
7
8
6
120 F
m
0.1 F
m
10kW
TPS2014
1
D-
D+
USBPort
Connector
GND
5V
3.3V
5V
OVERCURRENT
LOADENABLE
D1+
D1-
USB
Controller
PowerSupply
GND
SN75240
TUSB2040
0.1 F
m
+
LOW POWER BUS-POWERED FUNCTIONS AND HIGH POWER BUS-POWERED FUNCTIONS
OUT
OUT
OUT
2
3
5
4
EN
OC
IN
IN
7
8
6
22
F
m
0.1
F
m
TPS2014
1
D-
D+
Internal
Function
GND
5V
D+
D-
GND
GND
5V
USBPort
Connector
0.1
F
m
+
ESD PROTECTION
TPS2014
TPS2015
SLVS159D – DECEMBER 1996 – REVISED SEPTEMBER 2007
Figure 25. Typical USB Self-Powered Hub Application
Low-power and high-power bus-powered functions are powered by their input ports. If the load of the function is
more than the parallel combination of 44
Ω and 10 μF, it must implement inrush current limiting. The TPS20xx
provides this function with its controlled rise time during turn on.
Figure 26. Typical USB Bus-Powered Function Application
All TPS20xx terminals incorporate ESD-protection circuitry designed to withstand a 6-kV human-body-model
discharge as defined in MIL-STD-883C. Additionally, the output is protected from discharges up to 12 kV.
Copyright © 1996–2007, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TPS2014 TPS2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com