Electronic Components Datasheet Search
  English  ▼

X  

TPS2014P Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS2014P
Description  POWER-DISTRIBUTION SWITCHES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2014P Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2014P Datasheet HTML 5Page - Texas Instruments TPS2014P Datasheet HTML 6Page - Texas Instruments TPS2014P Datasheet HTML 7Page - Texas Instruments TPS2014P Datasheet HTML 8Page - Texas Instruments TPS2014P Datasheet HTML 9Page - Texas Instruments TPS2014P Datasheet HTML 10Page - Texas Instruments TPS2014P Datasheet HTML 11Page - Texas Instruments TPS2014P Datasheet HTML 12Page - Texas Instruments TPS2014P Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
www.ti.com
2
6
4
2
0
4
6
8
10
t
T
-
ime
ms
-
12
14
16
18
3
2
1
0
-1
20
0
4
-2
20
10
5
0
-5
40
60
80 100
t
T
-
ime
ms
-
120 140 160 180
3
2
1
0
-1
200
0
4
4
6
5
4
3
t
T
-
ime
ms
-
2
1
0
-1
-2
1
2
3
4
5
0
0.5
1.5
2.5
3.5
4.5
12
10
8
6
1
2
t
T
-
ime
ms
-
3
4
5
0
4
2
0
-2
-4
0.5
1.5
2.5
3.5
4.5
TPS2014
TPS2015
SLVS159D – DECEMBER 1996 – REVISED SEPTEMBER 2007
Figure 5. TPS2014 Threshold Current, VI(IN) = 5 V
Figure 6. TPS2015 Threshold Current, VI(IN) = 5 V
Figure 7. TPS2014 (Enabled) Into Short Circuit,
Figure 8. TPS2015 (Enabled) Into Short Circuit,
VI(IN) = 5 V
VI(IN) = 5 V
Copyright © 1996–2007, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS2014 TPS2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com