Electronic Components Datasheet Search
  English  ▼

X  

THS4281DBVR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # THS4281DBVR
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4281DBVR Datasheet(HTML) 18 Page - Texas Instruments

Back Button THS4281DBVR Datasheet HTML 14Page - Texas Instruments THS4281DBVR Datasheet HTML 15Page - Texas Instruments THS4281DBVR Datasheet HTML 16Page - Texas Instruments THS4281DBVR Datasheet HTML 17Page - Texas Instruments THS4281DBVR Datasheet HTML 18Page - Texas Instruments THS4281DBVR Datasheet HTML 19Page - Texas Instruments THS4281DBVR Datasheet HTML 20Page - Texas Instruments THS4281DBVR Datasheet HTML 21Page - Texas Instruments THS4281DBVR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
www.ti.com
−3
−2
−1
0
1
2
3
0
20
40
60
80
100
−6
−4
−2
0
2
4
6
VO
VI
VS = ±2.5 V
Gain = 2,
RL = 1 kΩ,
RF = 2 kΩ
t − Time − ms
THS4281
SLOS432 – APRIL 2004
TYPICAL CHARACTERISTICS (continued)
OVERDRIVE RESPONSE
OUTPUT VOLTAGE
vs
TIME
Figure 67.
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com