Electronic Components Datasheet Search
  English  ▼

X  

THS4281DBVR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # THS4281DBVR
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4281DBVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS4281DBVR Datasheet HTML 18Page - Texas Instruments THS4281DBVR Datasheet HTML 19Page - Texas Instruments THS4281DBVR Datasheet HTML 20Page - Texas Instruments THS4281DBVR Datasheet HTML 21Page - Texas Instruments THS4281DBVR Datasheet HTML 22Page - Texas Instruments THS4281DBVR Datasheet HTML 23Page - Texas Instruments THS4281DBVR Datasheet HTML 24Page - Texas Instruments THS4281DBVR Datasheet HTML 25Page - Texas Instruments THS4281DBVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
www.ti.com
Power Supply Decoupling Techniques and
BOARD LAYOUT
THS4281
SLOS432 – APRIL 2004
Metal-film, axial-lead resistors can also provide
Recommendations
good high frequency performance. Again, keep
their leads and PC board trace length as short as
Power supply decoupling is a critical aspect of any
possible. Never use wire wound type resistors in
high-performance amplifier design. Careful decoup-
a high frequency application. Because the output
ling provides higher quality ac performance. The
pin and inverting input pin are the most sensitive
following guidelines ensure the highest level of per-
to parasitic capacitance, always position the
formance.
feedback and series output resistor, if any, as
1. Place decoupling capacitors as close to the
close as possible to the output pin. Other network
power supply inputs as possible, with the goal of
components, such as noninverting input termin-
minimizing the inductance.
ation resistors, should also be placed close to the
package. Excessively high resistor values can
2. Placement priority should put the smallest valued
create significant phase lag that can degrade
capacitors closest to the device.
performance. Keep resistor values as low as
3. Use of solid power and ground planes is rec-
possible, consistent with load-driving consider-
ommended to reduce the inductance along power
ations. It is suggested that a good starting point
supply return current paths (with the exception of
for design is to set the Rf to 2 kΩ for low-gain,
the areas underneath the input and output pins
noninverting applications. Doing this automati-
as noted below).
cally keeps the resistor noise terms reasonable
4. A bulk decoupling capacitor is recommended (6.8
and minimizes the effect of parasitic capacitance.
to 22 µF) within 1 inch, and a ceramic (0.1 µF)
4. Connections to other wideband devices on
within 0.1 inch of the power input pins.
the board should be made with short direct
traces or through onboard transmission lines.
NOTE:
For short connections, consider the trace and the
input to the next device as a lumped capacitive
The bulk capacitor may be
load. Relatively wide traces (50 mils to 100 mils)
shared by other op amps.
should be used, preferably with ground and
power planes opened up around them. Estimate
the total capacitive load and set RISO from the
plot of recommended RISO vs capacitive load.
Achieving optimum performance with a high fre-
Low parasitic capacitive loads (<4 pF) may not
quency amplifier like the THS4281 requires careful
need an R(ISO), because the THS4281 is nom-
attention to board layout parasitics and external
inally compensated to operate at unity gain (+1
component types. See the EVM layout figures in the
V/V) with a 2-pF capacitive load. Higher capaci-
Design Tools Section.
tive loads without an R(ISO) are allowed as the
Recommendations that optimize performance include:
signal gain increases. If a long trace is required,
1. Minimize parasitic capacitance to any ac
and the 6-dB signal loss intrinsic to a doubly
ground for all of the signal I/O pins. Parasitic
terminated transmission line is acceptable, im-
capacitance on the output and inverting input pins
plement a matched impedance transmission line
can cause instability and on the noninverting
using microstrip or stripline techniques (consult
input, it can react with the source impedance to
an ECL design handbook for microstrip and
cause unintentional band limiting. To reduce un-
stripline layout techniques). A matching series
wanted capacitance, a window around the signal
resistor into the trace from the output of the
I/O pins should be opened in all of the ground
THS4281 is used as well as a terminating shunt
and power planes around those pins. Otherwise,
resistor at the input of the destination device.
ground and power planes should be unbroken
Remember also that the terminating impedance is
elsewhere on the board.
the parallel combination of the shunt resistor and
the input impedance of the destination device:
2. Minimize the distance (< 0.1 inch) from the
this total effective impedance should be set to
power supply pins to high frequency 0.1-µF
match the trace impedance. If the 6-dB attenu-
decoupling capacitors. Avoid narrow power and
ation of a doubly terminated transmission line is
ground traces to minimize inductance. The power
unacceptable,
a
long
trace
can
be
supply connections should always be decoupled
series-terminated at the source end only. Treat
as described above.
the trace as a capacitive load in this case, and
3. Careful selection and placement of external
set the series resistor value as shown in the plot
components preserves the high frequency
of R(ISO) vs capacitive load. If the input im-
performance of the THS4281. Resistors should
pedance of the destination device is low, there is
be a low reactance type. Surface-mount resistors
signal attenuation due to the voltage divider
work best and allow a tighter overall layout.
formed by R(ISO) into the terminating impedance.
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com