Electronic Components Datasheet Search
  English  ▼

X  

THS4281DBVR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # THS4281DBVR
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4281DBVR Datasheet(HTML) 23 Page - Texas Instruments

Back Button THS4281DBVR Datasheet HTML 19Page - Texas Instruments THS4281DBVR Datasheet HTML 20Page - Texas Instruments THS4281DBVR Datasheet HTML 21Page - Texas Instruments THS4281DBVR Datasheet HTML 22Page - Texas Instruments THS4281DBVR Datasheet HTML 23Page - Texas Instruments THS4281DBVR Datasheet HTML 24Page - Texas Instruments THS4281DBVR Datasheet HTML 25Page - Texas Instruments THS4281DBVR Datasheet HTML 26Page - Texas Instruments THS4281DBVR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
www.ti.com
DESIGN TOOLS
Evaluation
Fixtures
and
Application
Support
THERMAL ANALYSIS
P
Dmax +
Tmax–TA
q
JA
where:
PDmax is the maximum power dissipation in the amplifier (W).
Tmax is the absolute maximum junction temperature (°C).
TA is the ambient temperature (°C).
θJA = θJC + θCA
θJC is the thermal coefficient from the silicon junctions to the
case (
°C/W).
θCA is the thermal coefficient from the case to ambient air
(
°C/W).
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
−40
−20
0
20
40
60
80
100
8-pin SOIC (D) Package
8-pin MSOP
(DGK) Package
5-pin SOT23
(DBV) Package
TA − Free-Air Temperature − °C
θJA = 97.5°C/W for 8-Pin SOIC (D)
θJA = 180.8°C/W for 8-Pin MSOP (DGK)
θJA = 255.4°C/W for 5-Pin SOT−23 (DBV)
TJ = 125°C, No Airflow
THS4281
SLOS432 – APRIL 2004
A 50-
Ω environment is normally not necessary
When determining whether or not the device satisfies
onboard, and in fact a higher impedance environ-
the maximum power dissipation requirement, it is
ment improves distortion as shown in the distor-
important to consider not only quiescent power dissi-
tion versus load plots.
pation, but also dynamic power dissipation. Often
maximum power dissipation is difficult to quantify
5. Socketing a high speed part like the THS4281
because the signal pattern is inconsistent, but an
is not recommended. The additional lead length
estimate of the RMS value can provide a reasonable
and pin-to-pin capacitance introduced by the
analysis.
socket can create a troublesome parasitic net-
work which can make it almost impossible to
achieve a smooth, stable frequency response.
Best results are obtained by soldering the
THS4281 onto the board.
Information
Texas Instruments is committed to providing its cus-
tomers with the highest quality of applications sup-
The THS4281 does not incorporate automatic thermal
port. To support this goal, an evaluation board has
shutoff protection, so the designer must take care to
been developed for the THS4281 operational ampli-
ensure that the design does not violate the absolute
fier. The evaluation board is available and easy to
maximum junction temperature of the device. Failure
use allowing for straight-forward evaluation of the
may result if the absolute maximum junction tempera-
device. These evaluation board can be obtained by
ture of 150
° C is exceeded. For long-term depend-
ordering through the Texas Instruments Web site,
ability, the junction temperature should not exceed
www.ti.com, or through your local Texas Instruments
125
°C.
Sales Representative. A schematic for the evaluation
The thermal characteristics of the device are dictated
board is shown in Figure 77 with their default
by the package and the PC board. Maximum power
component values. Unpopulated footprints are shown
dissipation for a given package can be calculated
to provide insight into design flexibility.
using the following formula.
Computer simulation of circuit performance using
SPICE is often useful when analyzing the perform-
ance of analog circuits and systems. This is particu-
larly true for video and RF amplifier circuits where
parasitic capacitance and inductance can have a
major effect on circuit performance. A SPICE model
for the THS4281 device is available through either
the Texas Instruments Web site (www.ti.com) or as
one model on a disk from the Texas Instruments
Product Information Center (1–800–548–6132). The
PIC is also available for design assistance and
detailed product information at this number. These
models do a good job of predicting small-signal ac
and transient performance under a wide variety of
operating conditions. They are not intended to model
the distortion characteristics of the amplifier, nor do
they attempt to distinguish between the package
types in their small-signal ac performance. Detailed
information about what is and is not modeled is
contained in the model file itself.
Figure 76. Maximum Power Dissipation vs
Ambient Temperature
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com