Electronic Components Datasheet Search
  English  ▼

X  

THS4281DBVR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # THS4281DBVR
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4281DBVR Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS4281DBVR Datasheet HTML 20Page - Texas Instruments THS4281DBVR Datasheet HTML 21Page - Texas Instruments THS4281DBVR Datasheet HTML 22Page - Texas Instruments THS4281DBVR Datasheet HTML 23Page - Texas Instruments THS4281DBVR Datasheet HTML 24Page - Texas Instruments THS4281DBVR Datasheet HTML 25Page - Texas Instruments THS4281DBVR Datasheet HTML 26Page - Texas Instruments THS4281DBVR Datasheet HTML 27Page - Texas Instruments THS4281DBVR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
www.ti.com
1
2
6
4
3
FB1
SIDEMOUNT_SMA
J1
–vs
C2
100 pF
C3
0.1
µF
C0805
C4
22
µF
+
TP1
C5
22
µF
+vs
FB2
C6
0.1
µF
C0805
C7
100 pF
5
SIDEMOUNT_SMA
J2
–vs
+vs
U1
R4
2 k
Ω
R0603_1%
R5
953
Ω
R0603_1%
R2
2 k
Ω
R0603_1%
THS4281DBV
J3
PD
R3
49.9
Ω
R0805_1%
C1
C1206
R1
51.1
Ω
R0805_1%
R6
R0603_1%
SIDEMOUNT_SMA
J4
+
TOP
Layer 2 − GND
THS4281
SLOS432 – APRIL 2004
Figure 77. THS4281EVM Schematic
Figure 78. THS4281EVM Layout
Figure 79. THS4281EVM Board Layout
(Top Layer and Silkscreen Layer)
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com