Electronic Components Datasheet Search
  English  ▼

X  

LTM4649 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM4649
Description  20VIN, 8A Step-Down DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4649 Datasheet(HTML) 4 Page - Analog Devices

  LTM4649 Datasheet HTML 1Page - Analog Devices LTM4649 Datasheet HTML 2Page - Analog Devices LTM4649 Datasheet HTML 3Page - Analog Devices LTM4649 Datasheet HTML 4Page - Analog Devices LTM4649 Datasheet HTML 5Page - Analog Devices LTM4649 Datasheet HTML 6Page - Analog Devices LTM4649 Datasheet HTML 7Page - Analog Devices LTM4649 Datasheet HTML 8Page - Analog Devices LTM4649 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTM4657
4
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
1V Output Transient Response
3.3V Output Transient Response
1.5V Output Transient Response
5V Output Transient Response
2.5V Output Transient Response
Efficiency vs Load Current
from 3.3VIN
Efficiency vs Load Current
from 5VIN
Efficiency vs Load Current
from 12VIN
OUTPUT LOAD CURRENT (A)
0
100
95
90
80
85
75
70
2
4
1
3
6
4657 G01
8
5
7
3.3VIN, 1VOUT, 500kHz
3.3VIN, 1.5VOUT, 650kHz
3.3VIN, 2.5VOUT, 800kHz
OUTPUT LOAD CURRENT (A)
0
100
95
90
80
85
75
65
70
2
4
1
3
6
4657 G02
8
5
7
5VIN, 1VOUT, 500kHz
5VIN, 1.5VOUT, 650kHz
5VIN, 2.5VOUT, 800kHz
5VIN, 3.3VOUT, 1000kHz
OUTPUT LOAD CURRENT (A)
0
100
95
90
80
85
75
65
70
2
4
1
3
6
4657 G03
8
5
7
12VIN, 1VOUT, 500kHz
12VIN, 1.5VOUT, 650kHz
12VIN, 2.5VOUT, 800kHz
12VIN, 3.3VOUT, 1000kHz
12VIN, 5VOUT, 1250kHz
100µs/DIV
VIN = 12V, VOUT = 1V, fSW = 500kHz,
COUT = 2× 100µF + 22µF CERAMIC CAP;
COMPa = COMPb
CFF = 100pF
OUTPUT
VOLTAGE
50mV/DIV
LOAD
CURRENT
1A/DIV
4657 G04
100µs/DIV
VIN = 12V, VOUT = 1.5V, fSW = 650kHz,
COUT = 2× 100µF + 22µF CERAMIC CAP;
COMPa = COMPb
CFF = 100pF
OUTPUT
VOLTAGE
50mV/DIV
LOAD
CURRENT
1A/DIV
4657 G05
100µs/DIV
VIN = 12V, VOUT = 2.5V, fSW = 800kHz,
COUT = 2× 100µF + 22µF CERAMIC CAP;
COMPa = COMPb
CFF = 100pF
OUTPUT
VOLTAGE
50mV/DIV
LOAD
CURRENT
1A/DIV
4657 G06
100µs/DIV
VIN = 12V, VOUT = 3.3V, fSW = 1000kHz,
COUT = 2× 100µF + 22µF CERAMIC CAP;
COMPa = COMPb
CFF = 100pF
OUTPUT
VOLTAGE
50mV/DIV
LOAD
CURRENT
1A/DIV
4657 G07
100µs/DIV
VIN = 12V, VOUT = 5V, fSW = 1250kHz,
COUT = 2× 100µF + 22µF CERAMIC CAP;
COMPa = COMPb
CFF = 100pF
OUTPUT
VOLTAGE
50mV/DIV
LOAD
CURRENT
1A/DIV
4657 G08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com