Electronic Components Datasheet Search
  English  ▼

X  

LTM4649 Datasheet(PDF) 14 Page - Analog Devices

Part # LTM4649
Description  20VIN, 8A Step-Down DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4649 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTM4649 Datasheet HTML 10Page - Analog Devices LTM4649 Datasheet HTML 11Page - Analog Devices LTM4649 Datasheet HTML 12Page - Analog Devices LTM4649 Datasheet HTML 13Page - Analog Devices LTM4649 Datasheet HTML 14Page - Analog Devices LTM4649 Datasheet HTML 15Page - Analog Devices LTM4649 Datasheet HTML 16Page - Analog Devices LTM4649 Datasheet HTML 17Page - Analog Devices LTM4649 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTM4657
14
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Since the slave regulator’s TRACK/SS is connected to
the master’s output through a RTR(TOP)/RTR(BOT) resistor
divider and its voltage used to regulate the slave output
voltage when TRACK/SS voltage is below 0.5V, the slave
output voltage and the master output voltage should sat-
isfy the following equation during start-up:
VOUT(SL) •
RFB(SL)
RFB(SL)+60.4k
=
VOUT(MA) •
RTR(BOT)
RTR(TOP)+RTR(BOT)
The RFB(SL) is the feedback resistor and the RTR(TOP)/
RTR(BOT) is the resistor divider on the TRACK/SS pin of
the slave regulator, as shown in Figure 6.
Following the previous equation, the ratio of the master’s
output slew rate (MR) to the slave’s output slew rate (SR)
is determined by:
MR
SR
=
RFB(SL)
60.4k+RFB(SL)
RTR(BOT)
RTR(TOP)+RTR(BOT)
For example, VOUT(MA)=1.5V, MR = 1.5V/1ms and VOUT(SL)
= 1.0V, SR = 1.0V/1ms. From the equation, we could solve
that RTR(TOP) = 60.4k and RTR(BOT) = 30.1k are a good
combination for the ratiometric tracking.
The TRACK/SS pin will have the 2µA current source on
when a resistive divider is used to implement tracking
on the slave regulator. This will impose an offset on the
TRACK/SS pin input. Smaller value resistors with the
same ratios as the resistor values calculated from the
above equation can be used. For example, where the 60.4k
is used then a 6.04k can be used to reduce the TRACK/SS
pin offset to a negligible value.
Coincident output tracking can be recognized as a special
ratiometric output tracking in which the master’s output
slew rate (MR) is the same as the slave’s output slew rate
(SR), waveform as shown in Figure 7.
Figure 7. Output Coincident Tracking Waveform
From the equation, we could easily find that, in coinci-
dent tracking, the slave regulator’s TRACK/SS pin resistor
divider is always the same as its feedback divider:
RFB(SL)
RFB(SL)+60.4k
=
RTR(BOT)
RTR(TOP)+RTR(BOT)
For example, RTR(TOP) = 60.4k and RTR(BOT) = 60.4k is a
good combination for coincident tracking for a VOUT(MA)
= 1.5V and VOUT(SL) = 1.0V application.
Power Good
The PGOOD pin is an open-drain pin that can be used to
monitor valid output voltage regulation. This pin is pulled
low when the output voltage exceeds a ±8% window
around the regulation point. To prevent unwanted PGOOD
glitches during transients or dynamic VOUT changes, the
LTM4657’s PGOOD falling edge includes a blanking delay
of approximately 25 switching cycles.
RUN Enable
Pulling the RUN pin to ground forces the LTM4657 into
its shutdown state, turning off both power MOSFETs and
most of its internal control circuitry. Bringing the RUN pin
above 0.6V turns on the internal reference only, while still
keeping the power MOSFETs off. Increasing the RUN pin
voltage above 1.2V will turn on the entire chip.
TIME
MASTER OUTPUT
SLAVE OUTPUT
4657 F07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com