Electronic Components Datasheet Search
  English  ▼

X  

LTM4649 Datasheet(PDF) 10 Page - Analog Devices

Part # LTM4649
Description  20VIN, 8A Step-Down DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4649 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTM4649 Datasheet HTML 6Page - Analog Devices LTM4649 Datasheet HTML 7Page - Analog Devices LTM4649 Datasheet HTML 8Page - Analog Devices LTM4649 Datasheet HTML 9Page - Analog Devices LTM4649 Datasheet HTML 10Page - Analog Devices LTM4649 Datasheet HTML 11Page - Analog Devices LTM4649 Datasheet HTML 12Page - Analog Devices LTM4649 Datasheet HTML 13Page - Analog Devices LTM4649 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTM4657
10
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
The typical LTM4657 application circuit is shown in
Figure 23. External component selection is primarily deter-
mined by the input voltage, the output voltage and the
maximum load current. Refer to Table 7 for specific exter-
nal capacitor requirements for a particular application.
VIN to VOUT Step-Down Ratios
There are restrictions in the maximum VIN and VOUT step-
down ratios that can be achieved for a given input voltage
due to the minimum off-time and minimum on-time limits
of the regulator. The minimum off-time limit imposes a
maximum duty cycle which can be calculated as:
DMAX = 1 – (tOFF(MIN) • fSW)
where tOFF(MIN) is the minimum off-time, typically 50ns
for LTM4657, and fSW (Hz) is the switching frequency.
Conversely the minimum on-time limit imposes a minimum
duty cycle of the converter which can be calculated as:
DMIN = tON(MIN) • fSW
where tON(MIN) is the minimum on-time, typically 25ns
for LTM4657. In the rare cases where the minimum duty
cycle is surpassed, the output voltage will still remain
in regulation, but the switching frequency will decrease
from its programmed value. Note that additional thermal
derating may be applied. See the Thermal Considerations
and Output Current Derating section in this data sheet.
Output Voltage Programming
The PWM controller has an internal 0.5V reference
voltage. As shown in the Block Diagram, a 60.4k internal
feedback resistor connects the VOUT and FB pins together.
Adding a resistor, RFB, from FB pin to VOSNS– programs
the output voltage:
RFB =
0.5V
VOUT –0.5V
•60.4k
Table 1. RFB Resistor Table vs Various Output Voltages
VOUT (V) 0.5
1.0
1.2
1.5
1.8
2.5
3.3
5.0
RFB (kΩ) OPEN 60.4 43.2 30.1 23.2
15
10.7
6.65
For parallel operation of multiple channels the same feed-
back setting resistor can be used for the parallel design.
This is done by connecting the VOSNS+ to the output as
shown in Figure 2, thus tying one of the internal 60.4k
resistors to the output. All of the VFB pins tie together with
one programming resistor as shown in Figure 2.
See Figure 25 for an example of parallel operation.
Input Decoupling Capacitors
The LTM4657 module should be connected to a low AC
impedance DC source. For the regulator, a 10µF input
ceramic capacitor is required for RMS ripple current
decoupling. Bulk input capacitance is only needed when
the input source impedance is compromised by long
inductive leads, traces or not enough source capacitance.
The bulk capacitor can be an aluminum electrolytic capac-
itor or polymer capacitor.
Without considering the inductor ripple current, the RMS
current of the input capacitor can be estimated as:
ICIN(RMS) =
IOUT(MAX)
η%
• D• 1–D
( )
where η% is the estimated efficiency of the power module.
Output Decoupling Capacitors
With an optimized high frequency, high bandwidth design,
only a single low ESR output ceramic capacitor is required
for the LTM4657 to achieve low output ripple voltage and
very good transient response. In extreme cold or hot tem-
perature or high output voltage case, additional ceramic
4657 F02
COMP
1.5V/16A
VOUT
VOSNS+
VOSNS–
VFB
LTM4657
TRACK/SS
COMP
VOUT
VOSNS+
VOSNS–
VFB
LTM4657
TRACK/SS
0.1µF
RFB
30.1k
Figure 2. 2-Phase Parallel Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com