Electronic Components Datasheet Search
  English  ▼

X  

LTM4649 Datasheet(PDF) 5 Page - Analog Devices

Part # LTM4649
Description  20VIN, 8A Step-Down DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4649 Datasheet(HTML) 5 Page - Analog Devices

  LTM4649 Datasheet HTML 1Page - Analog Devices LTM4649 Datasheet HTML 2Page - Analog Devices LTM4649 Datasheet HTML 3Page - Analog Devices LTM4649 Datasheet HTML 4Page - Analog Devices LTM4649 Datasheet HTML 5Page - Analog Devices LTM4649 Datasheet HTML 6Page - Analog Devices LTM4649 Datasheet HTML 7Page - Analog Devices LTM4649 Datasheet HTML 8Page - Analog Devices LTM4649 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTM4657
5
Rev. A
For more information www.analog.com
Start-Up with No Load Current
Start-Up with 8A Load Current
Short-Circuit with No Load
Applied
Steady-State Output Voltage
Ripple
Short-Circuit with 8A Load
Applied
Start Into Pre-Biased Output
TYPICAL PERFORMANCE CHARACTERISTICS
2ms/DIV
VIN = 12V, VOUT = 1V, fSW = 500kHz,
COUT = 2× 100µF + 22µF CERAMIC CAP;
COMPa = COMPb
CFF = 100pF, MODE: CCM, IOUT = 0A
VOUT
1V/DIV
PGOOD
5V/DIV
RUN
5V/DIV
IIN
200mA/DIV
4657 G09
2ms/DIV
VIN = 12V, VOUT = 1V, fSW = 500kHz,
COUT = 2× 100µF + 22µF CERAMIC CAP;
COMPa = COMPb
CFF = 100pF, MODE: CCM, IOUT = 8A
VOUT
1V/DIV
PGOOD
5V/DIV
RUN
5V/DIV
IIN
500mA/DIV
4657 G10
100µs/DIV
VIN = 12V, VOUT = 1.5V, fSW = 650kHz,
COUT = 2× 100µF + 22µF CERAMIC CAP;
COMPa = COMPb
CFF = 100pF
VOUT
1V/DIV
IIN
1A/DIV
4657 G11
100µs/DIV
VIN = 12V, VOUT = 1.5V, fSW = 650kHz,
COUT = 2× 100µF + 22µF CERAMIC CAP;
COMPa = COMPb
CFF = 100pF
VOUT
1V/DIV
IIN
1A/DIV
4657 G12
1µs/DIV
VIN = 12V, VOUT = 1V, fSW = 500kHz,
COUT = 2× 100µF + 22µF CERAMIC CAP;
COMPa = COMPb
CFF = 100pF, MODE: CCM, IOUT = 8A
MEASURED ACROSS 22µF CERAMIC CAP
VOUT
20mV/DIV
AC-COUPLED
4657 G13
2ms/DIV
VIN = 12V, VO = 1.2V TO 3.3V, fSW = 1000kHz,
COUT = 2× 100µF + 22µF CERAMIC CAP;
COMPa = COMPb
CFF = 100pF, MODE: CCM, IO = 0A
VOUT
2V/DIV
PGOOD
5V/DIV
RUN
5V/DIV
IIN
200mA/DIV
4657 G14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com