Electronic Components Datasheet Search
  English  ▼

X  

LTM4662 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM4662
Description  20VIN, 8A Step-Down DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4662 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM4662 Datasheet HTML 5Page - Analog Devices LTM4662 Datasheet HTML 6Page - Analog Devices LTM4662 Datasheet HTML 7Page - Analog Devices LTM4662 Datasheet HTML 8Page - Analog Devices LTM4662 Datasheet HTML 9Page - Analog Devices LTM4662 Datasheet HTML 10Page - Analog Devices LTM4662 Datasheet HTML 11Page - Analog Devices LTM4662 Datasheet HTML 12Page - Analog Devices LTM4662 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTM4657
9
Rev. A
For more information www.analog.com
OPERATION
The LTM4657 is a standalone nonisolated switch mode
DC/DC power supply. It can deliver up to 8A DC output
current with few external input and output capacitors.
This module provides precisely regulated output voltage
adjustable between 0.5V to 5.5V via one external resistor
over a 3.1V to 20V input voltage range. The typical appli-
cation schematic is shown in Figure 23.
The LTM4657 contains an integrated constant on-time
valley current mode regulator, power MOSFETs, inductor,
and other supporting discrete components. The default
switching frequency is 500kHz. For switching noise-sensi-
tive applications, the switching frequency can be adjusted
by external resistors and the μModule regulator can be
externally synchronized to a clock within ±30% of the set
frequency. See the Applications Information section.
With current mode control and internal feedback loop
compensation, the LTM4657 module has sufficient sta-
bility margins and good transient performance with a
wide range of output capacitors, even with all ceramic
output capacitors.
Current mode control provides cycle-by-cycle fast current
limiting. Internal output overvoltage and undervoltage
comparators pull the open-drain PGOOD output low if the
output feedback voltage exits a ±8% window around the
regulation point. Continuous operation is forced during
OV and UV condition except during start-up when the
TRACK pin is ramping up to 0.5V.
Furthermore, in order to protect the internal power
MOSFET devices against transient voltage spikes, the
LTM4657 constantly monitors the VIN pin for an over-
voltage condition. When VIN rises above 24.5V, the reg-
ulator suspends operation by shutting off both power
MOSFETs. Once VIN drops below 21.5V, the regulator
immediately resumes normal operation. The regulator
does not execute its soft-start function when exiting an
overvoltage condition.
Multiphase operation can be easily employed with the
synchronization and phase mode controls. Up to 6 phases
can be cascaded to run simultaneously with respect to
each other by programming the PHMODE pin to different
levels. The LTM4657 has MODE/CLKIN and CLKOUT pins
for PolyPhase operation of multiple devices or frequency
synchronization.
Pulling the RUN pin to GND forces the controller into its
shutdown state, turning off both power MOSFETs and
most of the internal control circuitry. At light load currents,
discontinuous mode (DCM) operation can be enabled to
achieve higher efficiency compared to continuous mode
(CCM) by pulling the MODE/CLKIN pin to GND. The
TRACK/SS pin is used for power supply tracking
and soft-start programming. See the Applications
Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com