Electronic Components Datasheet Search
  English  ▼

X  

LTM4662 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM4662
Description  20VIN, 8A Step-Down DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4662 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM4662 Datasheet HTML 18Page - Analog Devices LTM4662 Datasheet HTML 19Page - Analog Devices LTM4662 Datasheet HTML 20Page - Analog Devices LTM4662 Datasheet HTML 21Page - Analog Devices LTM4662 Datasheet HTML 22Page - Analog Devices LTM4662 Datasheet HTML 23Page - Analog Devices LTM4662 Datasheet HTML 24Page - Analog Devices LTM4662 Datasheet HTML 25Page - Analog Devices LTM4662 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTM4657
22
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Table 7. Output Voltage Response vs Component Matrix (Refer to Figure 23)
COUT1
PART NUMBER
VALUE
COUT2
PART NUMBER
VALUE
Murata
GRM31CR60J107M
100µF, 6.3V, 1206, X5R
Murata
GRM31CR71A226K
22µF, 10V, 1206, X7R
VIN
(V)
VOUT
(V)
fSW
(kHz)
COUT1
(CER CAP)
COUT2
(CER CAP)
COMPENSATION
CFF
(pF)
LOAD STEP
(A)
LOAD STEP
SLEW RATE
(A/µs)
P-P
DEVIATION
(mV)
RECOVERY
TIME
(µs)
5
1
500
2× 100µF
22µF
Internal, COMPa = COMPb
100
0 - 2
2
62
30
12
1
500
2× 100µF
22µF
Internal, COMPa = COMPb
100
0 - 2
2
65
30
5
1.5
650
2× 100µF
22µF
Internal, COMPa = COMPb
100
0 - 2
2
59
30
12
1.5
650
2× 100µF
22µF
Internal, COMPa = COMPb
100
0 - 2
2
67
30
5
2.5
800
2× 100µF
22µF
Internal, COMPa = COMPb
100
0 - 2
2
75
30
12
2.5
800
2× 100µF
22µF
Internal, COMPa = COMPb
100
0 - 2
2
82
30
5
3.3
1000
2× 100µF
22µF
Internal, COMPa = COMPb
100
0 - 2
2
92
50
12
3.3
1000
2× 100µF
22µF
Internal, COMPa = COMPb
100
0 - 2
2
107
50
12
5
1250
2× 100µF
22µF
Internal, COMPa = COMPb
100
0 - 2
2
142
50
VIN
VOUT
4657 F22
GND
Safety Considerations
The LTM4657 modules do not provide galvanic isolation
from VIN to VOUT. There is no internal fuse. If required,
a slow blow fuse with a rating twice the maximum input
current needs to be provided to protect each unit from
catastrophic failure. The device does support thermal
shutdown and over current protection.
Layout Checklist/Example
The high integration of LTM4657 makes the PCB board
layout very simple and easy. However, to optimize its
electrical and thermal performance, some layout consid-
erations are still necessary.
• Use large PCB copper areas for high current paths,
including VIN, GND and VOUT. It helps to minimize the
PCB conduction loss and thermal stress.
• Place high frequency ceramic input and output capac-
itors next to the VIN, PGND and VOUT pins to minimize
high frequency noise.
• Place a dedicated power ground layer underneath
the unit.
• To minimize the via conduction loss and reduce module
thermal stress, use multiple vias for interconnection
between top layer and other power layers.
• Do not put via directly on the pad, unless they are
capped or plated over.
• Bring out test points on the signal pins for monitoring.
• Keep separation between CLKIN, CLKOUT and FREQ
pin traces to minimize possibility of noise due to cross-
talk between these signals.
Figure 22givesagoodexampleoftherecommended layout.
Figure 22. Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com