Electronic Components Datasheet Search
  English  ▼

X  

LTM4662 Datasheet(PDF) 28 Page - Analog Devices

Part # LTM4662
Description  20VIN, 8A Step-Down DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4662 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTM4662 Datasheet HTML 20Page - Analog Devices LTM4662 Datasheet HTML 21Page - Analog Devices LTM4662 Datasheet HTML 22Page - Analog Devices LTM4662 Datasheet HTML 23Page - Analog Devices LTM4662 Datasheet HTML 24Page - Analog Devices LTM4662 Datasheet HTML 25Page - Analog Devices LTM4662 Datasheet HTML 26Page - Analog Devices LTM4662 Datasheet HTML 27Page - Analog Devices LTM4662 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTM4657
28
Rev. A
For more information www.analog.com
ANALOG DEVICES, INC. 2020-2021
03/21
www.analog.com
RELATED PARTS
PACKAGE PHOTO
PART NUMBER DESCRIPTION
COMMENTS
LTM4626
12A µModule Regulator. Pin Compatible with LTM4657. 3.1V ≤ VIN ≤ 20V. 0.6V ≤ VOUT ≤ 5.5V. 6.25mm x 6.25mm x 3.87mm BGA.
LTM4638
15A µModule Regulator. Pin Compatible with LTM4657. 3.1V ≤ VIN ≤ 20V. 0.6V ≤ VOUT ≤ 5.5V. 6.25mm x 6.25mm x 5.02mm BGA.
LTM4625
5A µModule Regulator
4V ≤ VIN ≤ 20V. 0.6V ≤ VOUT ≤ 5.5V. 6.25mm x 6.25mm x 5.01mm BGA.
LTM4649
10A µModule Regulator
4.5V ≤ VIN ≤ 16V. 0.6V ≤ VOUT ≤ 3.3V. 9mm x 15mm x 4.92mm BGA.
LTM4622
Dual 2.5A or Single 5A µModule Regulator
3.6V ≤ VIN ≤ 20V. 0.6V ≤ VOUT ≤ 5.5V. 6.25mm x 6.25mm x 1.82mm LGA,
2.42mm BGA.
LTM4646
Dual 10A or Single 20A µModule Regulator
4.5V ≤ VIN ≤ 20V. 0.6V ≤ VOUT ≤ 5.5V. 11.25mm x 15mm x 5.01mm BGA.
LTM4662
Dual 15A or Single 30A µModule Regulator
4.5V ≤ VIN ≤ 20V. 0.6V ≤ VOUT ≤ 5.5V. 11.25mm x 15mm x 5.74mm BGA.
LTM4668/
LTM4668A
Configurable Quad 1.2A µModule Regulator
2.7V ≤ VIN ≤ 17V. 0.6V ≤ VOUT ≤ 1.8V (5.5V for LTM4668A). 6.25mm x
6.25mm x 2.1mm BGA.
LTM4643
Configurable Quad 3A µModule Regulator
4V ≤ VIN ≤ 20V. 0.6V ≤ VOUT ≤ 3.3V. 9mm x 15mm x 1.82mm LGA, 2.42mm
BGA.
LTM4644
Configurable Quad 4A µModule Regulator
4V ≤ VIN ≤ 14V. 0.6V ≤ VOUT ≤ 5.5V. 9mm x 15mm x 5.01mm BGA.
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
Digital Power System Management
Analog Devices’ family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com