Electronic Components Datasheet Search
  English  ▼

X  

LTM4662 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM4662
Description  20VIN, 8A Step-Down DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4662 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM4662 Datasheet HTML 7Page - Analog Devices LTM4662 Datasheet HTML 8Page - Analog Devices LTM4662 Datasheet HTML 9Page - Analog Devices LTM4662 Datasheet HTML 10Page - Analog Devices LTM4662 Datasheet HTML 11Page - Analog Devices LTM4662 Datasheet HTML 12Page - Analog Devices LTM4662 Datasheet HTML 13Page - Analog Devices LTM4662 Datasheet HTML 14Page - Analog Devices LTM4662 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTM4657
11
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
capacitor or tantalum-polymer capacitor is required due
to variation of actual capacitance over bias voltage and
temperature. Table 7 shows a matrix of different output
voltages and output capacitors to minimize the voltage
droop and overshoot during a 2A load-step transient.
Additional output filtering may be required by the sys-
tem designer if further reduction of output ripple or
dynamic transient spikes is required. The Analog Devices
LTpowerCAD™ design tool is available to download online
for output ripple, stability and transient response analysis
for further optimization.
Discontinuous Current Mode (DCM)
In applications where low output ripple and high efficiency
at intermediate current are desired, discontinuous current
mode (DCM) should be used by connecting the MODE/
CLKIN pin to GND. At light loads the internal current com-
parator may remain tripped for several cycles and force the
top MOSFET to stay off for several cycles, thus skipping
cycles. The inductor current does not reverse in this mode.
Forced Continuous Current Mode (CCM)
In applications where fixed frequency operation is more
critical than low current efficiency, and where the low-
est output ripple is desired, forced continuous opera-
tion should be used. Forced continuous operation can
be enabled by tying the MODE/CLKIN pin to INTVCC. In
this mode, inductor current is allowed to reverse during
low output loads, the COMP voltage is in control of the
current comparator threshold throughout, and the top
MOSFET always turns on with each oscillator pulse.
During start-up, forced continuous mode is disabled and
inductor current is prevented from reversing until the
LTM4657’s output voltage is in regulation.
Operating Frequency
The operating frequency of the LTM4657 is optimized
to achieve the compact package size and the minimum
output ripple voltage while still keeping high efficiency.
The default operating frequency is 500kHz. In most appli-
cations, no additional frequency adjustment is required.
If an operating frequency other than 500kHz is required by
the application, the operating frequency can be increased
by adding a resistor, RFSET, between the FREQ pin and
GND, as shown in Figure 24. The operating frequency
can be calculated as:
f Hz
( )= 1.67•10
11
332k||RFSET Ω
( )
The programmable operating frequency range is from
400kHz to 3MHz.
Frequency Synchronization and Clock In
The power module has a phase-locked loop comprised of
an internal voltage controlled oscillator and a phase detec-
tor. This allows the internal top MOSFET turn-on to be
locked to the rising edge of the external clock. The exter-
nal clock frequency range must be within ±30% around
the resistor set operating frequency. A pulse detection
circuit is used to detect a clock on the CLKIN pin to turn
on the phase-locked loop. The pulse width of the clock has
to be at least 100ns. The clock high level must be above
1V and clock low level below 0.3V. During the start-up of
the regulator, the phase-locked loop function is disabled.
Multiphase Operation
For output loads that demand more than 8A of current,
multiple LTM4657s can be paralleled to run out of phase
to provide more output current without increasing input
and output voltage ripples.
The CLKOUT signal can be connected to the MODE/CLKIN
pin of the following LTM4657 stage to line up both the
frequency and the phase of the entire system. Tying the
PHMODE pin to INTVCC, GND or FLOAT generates a phase
difference (between CLKIN and CLKOUT) of 180°, 120°, or
90° respectively, which corresponds to 2-phase, 3-phase
or 4-phase operation. A total of 6 phases can be cascaded
to run simultaneously out of phase with respect to each
other by programming the PHMODE pin of each LTM4657
to different levels. Figure 3 shows a 4-phase design and
a 6-phase design example for clock phasing.
Table 2. PHMODE Pin Status and Corresponding Phase
Relationship (Relative to CLKIN)
PHMODE
INTVCC
GND
FLOAT
CLKOUT
180°
120°
90°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com