Electronic Components Datasheet Search
  English  ▼

X  

AX88851 Datasheet(PDF) 17 Page - ASIX Electronics Corporation

Part # AX88851
Description  100BASE-TX/FX Repeater Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88851 Datasheet(HTML) 17 Page - ASIX Electronics Corporation

Back Button AX88851 Datasheet HTML 13Page - ASIX Electronics Corporation AX88851 Datasheet HTML 14Page - ASIX Electronics Corporation AX88851 Datasheet HTML 15Page - ASIX Electronics Corporation AX88851 Datasheet HTML 16Page - ASIX Electronics Corporation AX88851 Datasheet HTML 17Page - ASIX Electronics Corporation AX88851 Datasheet HTML 18Page - ASIX Electronics Corporation AX88851 Datasheet HTML 19Page - ASIX Electronics Corporation AX88851 Datasheet HTML 20Page - ASIX Electronics Corporation AX88851 Datasheet HTML 21Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
AX88850
PRELIMINARY
ASIX ELECTRONICS CORPORATION
17
2.6 LED Display
Signal Name
Type Pin No.
Description
LED[7:0]
O/L
125-122,
120-117
LED Display Information : Those signals indicate each port‘s Partition,
Jabber, Link/Activity, Utilization % (global), Collision % (global) in
sequence. For detail , see the LED timing specification
The Utilization % display define as following :
Group0 [ U4 :U0 ]
Group1 [ UU4 :UU0 ]
The Collision % display define as following :
Group0 [ C4 :C0 ]
Group1 [ CC4 :CC0 ]
LED_SYN
O/L
126
LED status synchronous signal : The signal is a LED_CK period width signal
and repeated every 16 cycle. When high indicate the next cycle on the
LED[7:0] bus show the Partition status of port 8 to 0 respectively.
/COLLED
O/MH
127
Collision LED Display : When Collision occur, the signal will
be “LOW” about 52.4 ms.
Collision %
LED4
LED3
LED2
LED1
LED0
0
1
1
1
1
1
4
1
1
1
1
0
8
1
1
1
0
0
20
1
1
0
0
0
30
1
0
0
0
0
60
0
0
0
0
0
Collision %
LED4
LED3
LED2
LED1
LED0
0
1
1
1
1
1
1
1
1
1
1
0
2
1
1
1
0
0
5
1
1
0
0
0
10
1
0
0
0
0
15
0
0
0
0
0
Utilization %
LED4
LED3
LED2
LED1
LED0
0
1
1
1
1
1
2
1
1
1
1
0
10
1
1
1
0
0
20
1
1
0
0
0
40
1
0
0
0
0
80
0
0
0
0
0
Utilization %
LED4
LED3
LED2
LED1
LED0
0
1
1
1
1
1
1
1
1
1
1
0
5
1
1
1
0
0
15
1
1
0
0
0
30
1
0
0
0
0
60
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com