Electronic Components Datasheet Search
  English  ▼

X  

AX88851 Datasheet(PDF) 35 Page - ASIX Electronics Corporation

Part # AX88851
Description  100BASE-TX/FX Repeater Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88851 Datasheet(HTML) 35 Page - ASIX Electronics Corporation

Back Button AX88851 Datasheet HTML 31Page - ASIX Electronics Corporation AX88851 Datasheet HTML 32Page - ASIX Electronics Corporation AX88851 Datasheet HTML 33Page - ASIX Electronics Corporation AX88851 Datasheet HTML 34Page - ASIX Electronics Corporation AX88851 Datasheet HTML 35Page - ASIX Electronics Corporation AX88851 Datasheet HTML 36Page - ASIX Electronics Corporation AX88851 Datasheet HTML 37Page - ASIX Electronics Corporation AX88851 Datasheet HTML 38Page - ASIX Electronics Corporation AX88851 Datasheet HTML 39Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
AX88850
PRELIMINARY
ASIX ELECTRONICS CORPORATION
35
Symbol
Description
Min
Typ.
Max
Units
T4
RX_CLK Clock Cycle Time
39.996
40
40.004
ns
T5
RX_CLK Clock High Time
14
20
26
ns
T6
CRS to RXE Assertion Delay
20
ns
T7
CRS to RXE De-assertion Delay
120
200
ns
T8
CRS to RXDV Delay Requirement
40
160
ns
T9
RXD or RXDV setup to RX_CLK rise time
10
-
ns
5.4.2 Station Management
T1
T2
SMDC
T3 T4
T5
SMDIO
Write
Write
T6
T7
/SMDV
Read
SMDIR
Write
T8
BSMDC
BSMDIO
Symbol
Description
Min
Typ.
Max
Units
T1
SMDC Period
400
-
ns
T2
SMDC High Time
40
-
ns
T3
SMDIO Setup Time to SMDC High(Write)
10
-
ns
T4
SMDIO Hold Time to SMDC High(Write)
10
-
ns
T5
SMDIO Valid from SMDC High(Read)
50
ns
T6
/SMDV Setup Time to SMDC High
10
-
ns
T7
/SMDV Hold Time to SMDC High
10
-
ns
T8
BSMDIO Buffer Delay Time
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com