Electronic Components Datasheet Search
  English  ▼

X  

AX88851 Datasheet(PDF) 9 Page - ASIX Electronics Corporation

Part # AX88851
Description  100BASE-TX/FX Repeater Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88851 Datasheet(HTML) 9 Page - ASIX Electronics Corporation

Back Button AX88851 Datasheet HTML 5Page - ASIX Electronics Corporation AX88851 Datasheet HTML 6Page - ASIX Electronics Corporation AX88851 Datasheet HTML 7Page - ASIX Electronics Corporation AX88851 Datasheet HTML 8Page - ASIX Electronics Corporation AX88851 Datasheet HTML 9Page - ASIX Electronics Corporation AX88851 Datasheet HTML 10Page - ASIX Electronics Corporation AX88851 Datasheet HTML 11Page - ASIX Electronics Corporation AX88851 Datasheet HTML 12Page - ASIX Electronics Corporation AX88851 Datasheet HTML 13Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
AX88850
PRELIMINARY
ASIX ELECTRONICS CORPORATION
9
1.5 Pin Connection Diagram for AX88852 (8MII + 2MII mode)
ASIX
AX 88852
(8 MII Mode)
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
97
98
99
100
101
102
103
104
208
207
206
205
204
203
202
201
200
199
197
198
196
195
194
193
192
191
190
188
189
187
186
185
184
183
182
181
179
180
178
177
176
175
174
173
172
170
171
169
168
167
166
165
164
163
161
162
160
159
158
157
53
VDD1
VSS1
NC
NC
VDD1
TXD<0>
VDD
COL
TX_ER
CRS<0>
VSS
RXD<0><2>
RXD<0><1>
TXD<3>
RX_CLK<0>
VSS1
VSS
RXD<1><3>
VDD
TXD<2>
RX_ER<1>
RXD<1><2>
RX_ER<0>
RXD<0><0>
TX_EN<0>
RX_DV<0>
VSS
TX_EN<1>
TXD<1>
RXD<1><0>
VSS
RXD<0><3>
RXD<1><1>
GEP<2>
IRD<1>
IRD<3>
IRD_CK
IRD<2>
GEP<0>
TEST
/IRD_V
OPT0
/RST
GEP<1>
VSS
LCLK
IRD<0>
/IRD_ER
GEP<3>
VDD
NC
VSS
M0_TXEN0
M0_TXEN1
M0_TXEN2
M0_TXEN3
M0_RXEN0
M0_CRS0
M0_CRS1
M0_CRS2
M0_CRS3
M0_RXEN1
M0_RXEN2
M0_RXEN3
NC
M1_RXEN1
M1_RXEN2
M1_RXEN3
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
Fig - 4 Pin Connection Diagram for 8MII Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com