Electronic Components Datasheet Search
  English  ▼

X  

AX88851 Datasheet(PDF) 33 Page - ASIX Electronics Corporation

Part # AX88851
Description  100BASE-TX/FX Repeater Controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88851 Datasheet(HTML) 33 Page - ASIX Electronics Corporation

Back Button AX88851 Datasheet HTML 29Page - ASIX Electronics Corporation AX88851 Datasheet HTML 30Page - ASIX Electronics Corporation AX88851 Datasheet HTML 31Page - ASIX Electronics Corporation AX88851 Datasheet HTML 32Page - ASIX Electronics Corporation AX88851 Datasheet HTML 33Page - ASIX Electronics Corporation AX88851 Datasheet HTML 34Page - ASIX Electronics Corporation AX88851 Datasheet HTML 35Page - ASIX Electronics Corporation AX88851 Datasheet HTML 36Page - ASIX Electronics Corporation AX88851 Datasheet HTML 37Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
AX88850
PRELIMINARY
ASIX ELECTRONICS CORPORATION
33
5.0 ELECTRICAL SPECIFICATION AND TIMING
5.1 Absolute Maximum Ratings
Description
SYM
Min
Max
Units
Operating Temperature
Ta
0
+70
°C
Storage Temperature
Ts
-55
+150
°C
Supply Voltage
Vcc
-0.5
+7
V
Input Voltage
Vin
Vss-0.5
Vdd+0.5
V
Output Voltage
Vout
Vss-0.5
Vdd+0.5
V
Lead Temperature (soldering 10 seconds maximum)
Tl
-55
+250
°C
Note : Stress above those listed under Absolute Maximum Ratings may cause permanent damage to the device.
Exposure to Absolute Maximum Ratings conditions for extended period, adversely affect device life and reliability
5.2 General Operation Conditions
Description
SYM
Min
Max
Units
Operating Temperature
Ta
0
+70
°C
Supply Voltage
Vdd
+4.75
+5.25
V
5.3 DC Characteristics
(Vdd=4.75V to 5.25V, Vss=0V, Ta=0
°C to 70°C)
Description
SYM
Min
Max
Units
Low Input Voltage
Vil
Vss-0.5
0.8
V
High Input Voltage
Vih
2
Vdd+0.5
V
Low Output Voltage
Vol
0.4
V
High Output Voltage
Voh
2.4
V
Input Leakage Current 1 (Note 1)
Iil1
10
uA
Input Leakage Current 2 (Note 2)
Iil1
500
uA
Output Leakage Current
Iol
10
uA
Note :
1.
All the input pins without pull low or pull high.
2.
Those pins had been pull low or pull high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com