Electronic Components Datasheet Search
  English  ▼

X  

DAC8581IPWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8581IPWR
Description  16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8581IPWR Datasheet(HTML) 4 Page - Texas Instruments

  DAC8581IPWR Datasheet HTML 1Page - Texas Instruments DAC8581IPWR Datasheet HTML 2Page - Texas Instruments DAC8581IPWR Datasheet HTML 3Page - Texas Instruments DAC8581IPWR Datasheet HTML 4Page - Texas Instruments DAC8581IPWR Datasheet HTML 5Page - Texas Instruments DAC8581IPWR Datasheet HTML 6Page - Texas Instruments DAC8581IPWR Datasheet HTML 7Page - Texas Instruments DAC8581IPWR Datasheet HTML 8Page - Texas Instruments DAC8581IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.ti.com
PIN CONFIGURATION (TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VREF
VOUT
AVSS
AVDD
AGND
DGND
DGND
DGND
DVDD
DGND
CLR
DVDD
DGND
CS
SCLK
SDIN
(TOP VIEW)
DAC8581
SLAS481A – AUGUST 2005 – REVISED AUGUST 2005
ELECTRICAL CHARACTERISTICS (continued)
All specifications at T
A = TMIN to TMAX, +AVDD = +5 V, –AVDD = –5 V, DVDD = +5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
+AVDD
4.0
5
6.0
V
–AVDD
–4.0
–5
–6.0
V
DVDD
1.8
AVDD
V
IDVDD
10
20
µA
IDD
Iref and IDVDD included
17
24
mA
ISS
–23
–32
mA
TEMPERATURE RANGE
Specified performance
–40
85
°C
TERMINAL FUNCTIONS
TERMINAL
NAME
NO.
VREF
1
Reference input voltage.
VOUT
2
DAC output voltage. Output swing is
±V
REF
AVSS
3
Negative analog supply voltage, tie to –5 V
AVDD
4
Positive analog supply voltage, tie to +5 V
AGND
5
The ground reference point of all analog circuitry of the device. Tie to 0 V.
DGND
6, 7, 8, 15
Tie to DGND to ensure correct operation.
SDIN
9
Digital input, serial data. Ignored when CS is high.
SCLK
10
Digital input, serial bit clock. Ignored when CS is high.
Digital input. Chip Select (CS) signal. Active low. When CS is high, SCLK and SDI are ignored. When CS is low,
CS
11
data can be transferred into the device.
DGND
12
Ground reference for digital circuitry. Tie to 0 V.
DVDD
13
Positive digital supply, 1.8 V–5.5 V compatible
Digital input for forcing the output to midscale. Active low. When pin CLR is low during 16th SCLK following the
falling edge of CS, the falling edge of 16th SCLK sets DAC Latch to midcode, and the DAC output to 0 V. When
CLR
14
pin CLR is High, the falling edge of 16th SCLK updates DAC latch with the value of input shift register, and
changes DAC output to corresponding level.
DVDD
16
Tie to DVDD to ensure correct operation.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com