Electronic Components Datasheet Search
  English  ▼

X  

DAC8581IPWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8581IPWR
Description  16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8581IPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC8581IPWR Datasheet HTML 5Page - Texas Instruments DAC8581IPWR Datasheet HTML 6Page - Texas Instruments DAC8581IPWR Datasheet HTML 7Page - Texas Instruments DAC8581IPWR Datasheet HTML 8Page - Texas Instruments DAC8581IPWR Datasheet HTML 9Page - Texas Instruments DAC8581IPWR Datasheet HTML 10Page - Texas Instruments DAC8581IPWR Datasheet HTML 11Page - Texas Instruments DAC8581IPWR Datasheet HTML 12Page - Texas Instruments DAC8581IPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.ti.com
THEORY OF OPERATION
Supply Pins
Reference Input Voltage
Output Voltage
DAC8581
SLAS481A – AUGUST 2005 – REVISED AUGUST 2005
DAC8581 uses proprietary, monotonic, high-speed resistor string architecture. The 16-bit input data is coded in
twos complement, MSB-first format and transmitted using a 3-wire serial interface. The serial interface sends the
input data to the DAC latch. The digital data is then decoded to select a tap voltage of the resistor string. The
resistor string output is sent to a high-performance output amplifier. The output buffer has rail-to-rail (
±5 V) swing
capability on a 600-
Ω, 200-pF load. The resistor string DAC architecture provides exceptional differential linearity
and temperature stability whereas the output buffer provides fast-settling, low-glitch, and exceptionally low
idle-channel noise. The DAC8581 settles within 1
µs for large input signals. Exceptionally low glitch (0.5 nV-s) is
attainable
for
small-signal,
code-to-code
output
changes.
Resistor
string
architecture
also
provides
code-independent power consumption and code-independent settling time. The DAC8581 resistor string needs
an external reference voltage to set the output voltage range of the DAC. To aid fast settling, VREF input is
internally buffered.
DAC8581 uses
±5-V analog power supplies (AV
DD, AVSS) and a 1.8 V–5.5 V digital supply (DVDD). Analog and
digital ground pins (AGND and DGND) are also provided. For low-noise operation, analog and digital power and
ground pins should be separated. Sufficient bypass capacitors, at least 1
µF, should be placed between AV
DD
and AVSS, AVSS and DGND, and DVDD and DGND pins. Series inductors are not recommended on the supply
paths. The digital input pins should not exceed the ground potential during power up. During power up, AGND
and DGND are first applied with all digital inputs and the reference input kept zero volts. Then, AVDD, DVDD,
AVSS, and VREF should be applied together. Care should be taken to avoid applying VREF before AVDD and AVSS.
All digital pins must be kept at ground potential before power up.
The reference input pin VREF is typically tied to a +3.3 V, +4.096 V, or +5.0 V external reference. A bypass
capacitor 0.1
µF or less is recommended depending on the load-driving capability of the voltage reference. To
reduce crosstalk and improve settling time, the VREF pin is internally buffered by a high-performance amplifier.
The VREF pin has constant 5-kΩ impedance to AGND. The output range of the DAC8581 is equal to ±VREF
voltage. The VREF pin should be powered at the same time, or after the supply pins. REF3133 and REF3140 are
recommended to set the DAC8581 output range to
±3.3 V and ±4.096 V, respectively.
The input data format is in twos-complement format as shown in Table 1. DAC8581 uses a high-performance,
rail-to-rail output buffer capable of driving a 600-
Ω, 200-pF load with fast 0.65-µs settling. The buffer has
exceptional noise performance (20 nV/
√Hz) and fast slew rate (35 V/µs). The small-signal settling time is under
300 ns, allowing update rates up to 3 MSPS. Loads of 50
Ω or 75 Ω could be driven as long as output current
does not exceed
±25 mA continuously. Long cables, up to 1 nF in capacitance, can be driven without the use of
external buffers. To aid stability under large capacitive loads (>1 nF), a small series resistor can be used at the
output.
Table 1. Data Format
DIGITAL CODE
DAC OUTPUT
BINARY
HEX
+Vref
0111111111111111
7FFF
+Vref/2
0100000000000000
4FFF
0
0000000000000000
0000
–Vref/2
1011111111111111
BFFF
–Vref
1000000000000000
8000
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com