Electronic Components Datasheet Search
  English  ▼

X  

DAC8581IPWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8581IPWR
Description  16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8581IPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC8581IPWR Datasheet HTML 6Page - Texas Instruments DAC8581IPWR Datasheet HTML 7Page - Texas Instruments DAC8581IPWR Datasheet HTML 8Page - Texas Instruments DAC8581IPWR Datasheet HTML 9Page - Texas Instruments DAC8581IPWR Datasheet HTML 10Page - Texas Instruments DAC8581IPWR Datasheet HTML 11Page - Texas Instruments DAC8581IPWR Datasheet HTML 12Page - Texas Instruments DAC8581IPWR Datasheet HTML 13Page - Texas Instruments DAC8581IPWR Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.ti.com
SERIAL INTERFACE
Pin CLR
SCLK
CS
SDIN
DAC8581
SLAS481A – AUGUST 2005 – REVISED AUGUST 2005
Glitch area is low at 0.5 nV-s, with peak glitch amplitude under 10 mV, and the glitch duration under 100 ns. Low
glitch is obtained for code-to-code (small signal) changes across the entire transfer function of the device. For
large signals, settling characteristics of the reference and output amplifiers are observed in terms of overshoot
and undershoot.
Combined with
±5-V output range, and extremely good noise performance, the outstanding differential linearity
performance of this device becomes significant. That is, each DAC step can be clearly observed at the DAC
output, without being corrupted by wideband noise.
The DAC8581 serial interface consists of the serial data input pin SDIN, bit clock pin SCLK, and chip-select pin
CS. The serial interface is designed to support the industry standard SPI interface up to 50 MHz. The serial
inputs are 1.8-V to 5.5-V logic compatible.
CS operates as an active-low, chip-select signal. The falling edge of CS initiates the data transfer. Each rising
edge of SCLK following the falling edge of CS shifts the SDIN data into a 16-bit shift register, MSB-first. At the
16th rising edge of SCLK, the shift register becomes full and the DAC data updates on the falling edge that
follows the 16th rising edge. After the data update, further clocking gets ignored. The sequence restarts at the
next falling edge of CS. If the CS is brought high before the DAC data is updated, the data is ignored. See the
Figure 1 timing diagram for details.
Pin CLR is implemented to set the DAC output to 0 V. When the CS pin is low during the 16th SCLK cycle
following the falling edge of CS, the falling edge of 16th SCLK sets the DAC latch to midcode, and the DAC
output to 0 V. If the CLR pin is high during the 16th clock, the falling edge of 16th clock updates the DAC latch
with the input data. Therefore, if the CLR pin is brought back to High from Low during serial communication, the
DAC output stays at 0 V until the falling edge of the next 16th clock is received. The CLR pin is active low. The
CLR low does not affect the serial data transfer. The serial data input does not get interrupted or lost while the
output is set at midscale.
This digital input pin is the serial bit-clock. Data is clocked in the device at the rising edge of SCLK.
This digital input pin is the chip-select signal. When CS is low, the serial port is enabled and data can be
transferred into the device. When CS is high, all SCLK and SDIN signals are ignored.
This digital input is the serial data input. Serial data is shifted on the rising edge of the SCLK when CS is low.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com