Electronic Components Datasheet Search
  English  ▼

X  

EFZ Datasheet(PDF) 3 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # EFZ
Description  MULTILAYER CHIP BEADS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

EFZ Datasheet(HTML) 3 Page - EXCEL CELL ELECTRONIC CO., LTD.

  EFZ Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 4Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 5Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 6Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 7Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
For the latest product information, Please visit our website at http://www.ece.com.tw
ECE-
-
-
-
The Name You Can Trust!
■ ELECTRICAL CHARACTERISTICS
TYPE: EFZ 100505
Part No.
Test Frequency
(MHz)
Impedance
( )±25%
DC Resistance
( )Max.
Rating Current
(mA)Max.
EFZ100505L100
100
10
0.05
500
EFZ100505L300
100
30
0.20
300
EFZ100505L600
100
60
0.40
200
EFZ100505L700
100
70
0.40
200
EFZ100505L800
100
80
0.40
200
EFZ100505L101
100
100
0.45
200
EFZ100505L121
100
120
0.50
200
EFZ100505L151
100
150
0.60
200
EFZ100505L181
100
180
0.65
100
EFZ100505L221
100
220
0.70
100
EFZ100505L301
100
300
0.75
100
EFZ100505L331
100
330
0.75
100
EFZ100505L471
100
470
0.90
100
EFZ100505L501
100
500
1.00
100
EFZ100505L601
100
600
1.10
50
EFZ100505L102
100
1000
1.50
50
EFZ100505H300
100
30
0.20
300
EFZ100505H600
100
60
0.40
200
EFZ100505H101
100
100
0.50
200
EFZ100505H121
100
120
0.50
200
EFZ100505H221
100
220
0.80
100
EFZ100505H301
100
300
0.85
100
EFZ100505H471
100
470
1.00
100
EFZ100505H601
100
600
1.50
50
EFZ100505K300
100
30
0.20
300
EFZ100505K600
100
60
0.40
200
EFZ100505K101
100
100
0.50
200
EFZ100505K121
100
120
0.50
200
EFZ100505K221
100
220
0.80
100
EFZ100505K301
100
300
0.85
100
EFZ100505K471
100
470
1.00
100
EFZ100505K601
100
600
1.50
50
EFZ100505G100
100
10
0.10
500
EFZ100505G300
100
30
0.20
300
EFZ100505G600
100
60
0.40
300
EFZ100505G101
100
100
0.55
300
EFZ100505G121
100
120
0.55
300
EFZ100505G221
100
220
0.80
200
EFZ100505G301
100
300
1.00
100
EFZ100505G471
100
470
1.50
50
EFZ100505G601
100
600
2.50
50



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com