Electronic Components Datasheet Search
  English  ▼

X  

EFZ Datasheet(PDF) 5 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # EFZ
Description  MULTILAYER CHIP BEADS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

EFZ Datasheet(HTML) 5 Page - EXCEL CELL ELECTRONIC CO., LTD.

  EFZ Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 4Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 5Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 6Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 7Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
For the latest product information, Please visit our website at http://www.ece.com.tw
ECE-
-
-
-
The Name You Can Trust!
TYPE: EFZ 201209
Part No.
Test Frequency
(MHz)
Impedance
( )±25%
DC Resistance
( )Max.
Rating Current
(mA)Max.
EFZ201209L110
100
11
0.10
300
EFZ201209L170
100
17
0.10
300
EFZ201209L260
100
26
0.10
300
EFZ201209L310
100
31
0.10
300
EFZ201209L520
100
52
0.15
300
EFZ201209L600
100
60
0.15
300
EFZ201209L800
100
80
0.15
300
EFZ201209L101
100
100
0.20
300
EFZ201209L121
100
120
0.20
300
EFZ201209L151
100
150
0.20
300
EFZ201209L221
100
220
0.25
300
EFZ201209L301
100
300
0.25
300
EFZ201209L401
100
400
0.30
300
EFZ201209L531
100
530
0.35
300
EFZ201209L601
100
600
0.35
300
EFZ201209L102
100
1000
0.45
300
EFZ201209L152
100
1500
0.70
300
EFZ201209H050
100
5
0.07
500
EFZ201209H300
100
30
0.15
300
EFZ201209H600
100
60
0.15
300
EFZ201209H750
100
75
0.20
300
EFZ201209H101
100
100
0.20
300
EFZ201209H121
100
120
0.20
300
EFZ201209H221
100
220
0.25
200
EFZ201209H301
100
300
0.25
200
EFZ201209H601
100
600
0.25
200
EFZ201209H751
100
750
0.30
200
EFZ201209H102
100
1000
0.30
200
EFZ201209H152
100
1500
0.35
200
EFZ201209H182
100
1800
0.40
200
EFZ201209H202
100
2000
0.40
200
EFZ201209H222
100
2200
0.50
200
EFZ201209H252
100
2500
0.60
200
EFZ201209H272
100
2700
0.60
200
EFZ201209K800
100
80
0.30
300
EFZ201209K601
100
600
0.35
200
EFZ201209K751
100
750
0.35
200
EFZ201209K102
100
1000
0.40
200
EFZ201209K122
100
1200
0.40
200
EFZ201209K152
100
1500
0.45
200
EFZ201209K202
100
2000
0.60
200
EFZ201209G050
100
5
0.07
500
EFZ201209G070
100
7
0.07
500
EFZ201209G121
100
120
0.35
300
EFZ201209G601
100
600
0.65
200



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com