Electronic Components Datasheet Search
  English  ▼

X  

EFZ Datasheet(PDF) 6 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # EFZ
Description  MULTILAYER CHIP BEADS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

EFZ Datasheet(HTML) 6 Page - EXCEL CELL ELECTRONIC CO., LTD.

  EFZ Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 4Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 5Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 6Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 7Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
For the latest product information, Please visit our website at http://www.ece.com.tw
ECE-
-
-
-
The Name You Can Trust!
TYPE: EFZ 321611
Part No.
Test Frequency
(MHz)
Impedance
( )±25%
DC Resistance
( )Max.
Rating Current
(mA)Max.
EFZ321611L190
100
19
0.10
800
EFZ321611L260
100
26
0.10
800
EFZ321611L310
100
31
0.10
800
EFZ321611L520
100
52
0.15
800
EFZ321611L600
100
60
0.15
500
EFZ321611L700
100
70
0.15
500
EFZ321611L101
100
100
0.20
450
EFZ321611L121
100
120
0.20
450
EFZ321611L151
100
150
0.20
450
EFZ321611L221
100
220
0.20
350
EFZ321611L301
100
300
0.20
350
EFZ321611L401
100
400
0.25
350
EFZ321611L601
100
600
0.25
350
EFZ321611L751
100
750
0.30
350
EFZ321611L102
100
1000
0.35
350
EFZ321611L152
100
1500
0.40
350
EFZ321611L182
100
1800
0.40
350
EFZ321611H190
100
19
0.10
500
EFZ321611H310
100
31
0.15
500
EFZ321611H600
100
60
0.20
500
EFZ321611H101
100
100
0.25
300
EFZ321611H121
100
120
0.25
300
EFZ321611H201
100
200
0.25
300
EFZ321611H301
100
300
0.30
300
EFZ321611H601
100
600
0.35
300
EFZ321611H751
100
750
0.35
300
EFZ321611H102
100
1000
0.40
200
EFZ321611H152
100
1500
0.45
200
EFZ321611H202
100
2000
0.45
200
EFZ321611K601
100
600
0.50
200
EFZ321611K102
100
1000
0.70
200
EFZ321611K122
100
1200
0.70
200
EFZ321611G050
100
5
0.07
500
EFZ321611G070
100
7
0.07
500
EFZ321611G301
100
300
0.30
300
EFZ321611G601
100
600
0.45
300



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com