Electronic Components Datasheet Search
  English  ▼

X  

EFZ Datasheet(PDF) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

Part # EFZ
Description  MULTILAYER CHIP BEADS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECE [EXCEL CELL ELECTRONIC CO., LTD.]
Direct Link  https://www.ece.com.tw/en/
Logo ECE - EXCEL CELL ELECTRONIC CO., LTD.

EFZ Datasheet(HTML) 1 Page - EXCEL CELL ELECTRONIC CO., LTD.

  EFZ Datasheet HTML 1Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 2Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 3Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 4Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 5Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 6Page - EXCEL CELL ELECTRONIC CO., LTD. EFZ Datasheet HTML 7Page - EXCEL CELL ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
For the latest product information, Please visit our website at http://www.ece.com.tw
ECE-
-
-
-
The Name You Can Trust!
MULTILAYER CHIP BEADS
EFZ SERIES
■ FEATURES
■
DIMENSIONS
Monolithic inorganic material construction
for high reliability; perfect shape for
Automatic mounting, with no direction.
Minimum floating capacity and excellent
high frequency characterisitics.
Available in various sizes from
100505-321611 for wide range of
application.
Closed magnetic circuit avoids crosstalk,
suitable for high density PCB.
UNIT: mm
Type
A
B
C
D
EFZ 100505(0402)
1.0±0.10
0.5±0.10
0.5±0.10
0.1~0.4
EFZ 160808(0603)
1.6±0.15
0.80±0.15
0.8±0.15
0.2~0.6
EFZ 201209(0805)
2.0±0.20
1.25±0.20
0.9±0.20
0.2~0.8
EFZ 321611(1206)
3.2±0.20
1.60±0.20
1.1±0.20
0.4~1.0
■ PART NUMBERING SYSTEM
EFZ
160808
H
110
1
Z
Z: RoHS Compliant
Packing:
1: Tape and 7" Reel
Impedance:
110: 11
Material Code:
Dimensions:
Length(mm) x Width(mm) x Thickness(mm)
Product Name:
Multilayer Chip Beads
Terminal
electrode
Ferrite
B
C
D
D
A


Similar Description - EFZ

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SHU-1M2012-400 SUMIDA-SHU-1M2012-400 Datasheet
400Kb / 3P
Multilayer Chip Ferrite Beads
SHH-1M4516-600 SUMIDA-SHH-1M4516-600 Datasheet
366Kb / 3P
Multilayer Chip Ferrite Beads
SHH-1M3216-500 SUMIDA-SHH-1M3216-500 Datasheet
459Kb / 4P
Multilayer Chip Ferrite Beads
SHH-1M2012-150 SUMIDA-SHH-1M2012-150 Datasheet
453Kb / 4P
Multilayer Chip Ferrite Beads
SHB-1M2012-150 SUMIDA-SHB-1M2012-150 Datasheet
527Kb / 5P
Multilayer Chip Ferrite Beads
SHB-1M1005-100 SUMIDA-SHB-1M1005-100 Datasheet
491Kb / 4P
Multilayer Chip Ferrite Beads
SHB-1T0603-800 SUMIDA-SHB-1T0603-800 Datasheet
394Kb / 2P
Multilayer Chip Ferrite Beads
SHB-5750 SUMIDA-SHB-5750 Datasheet
271Kb / 1P
Multilayer Chip Ferrite Beads
SHB-1L1608 SUMIDA-SHB-1L1608 Datasheet
464Kb / 3P
Multilayer Chip Ferrite Beads
logo
Productwell Precision E...
MB453215U131 PRODUCTWELL-MB453215U131 Datasheet
229Kb / 11P
MULTILAYER CHIP BEADS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com