Electronic Components Datasheet Search
  English  ▼

X  

PTH12040WAST Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12040WAST
Description  50-A, 8-V to 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12040WAST Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTH12040WAST Datasheet HTML 3Page - Texas Instruments PTH12040WAST Datasheet HTML 4Page - Texas Instruments PTH12040WAST Datasheet HTML 5Page - Texas Instruments PTH12040WAST Datasheet HTML 6Page - Texas Instruments PTH12040WAST Datasheet HTML 7Page - Texas Instruments PTH12040WAST Datasheet HTML 8Page - Texas Instruments PTH12040WAST Datasheet HTML 9Page - Texas Instruments PTH12040WAST Datasheet HTML 10Page - Texas Instruments PTH12040WAST Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
www.ti.com
Characteristic Data (VI =8V)(3)
40
50
60
70
80
90
100
VO = 1.2 V
VO = 3.3 V
VO = 0.8 V
VO = 1.8 V
0
10
20
304050
I
- Output Current - A
O
0
2
4
6
8
10
12
VO = 3.3 V
VO = 1.8 V
VO = 1.2 V
VO = 0.8 V
0
10
20
304050
I
- Output Current - A
O
PTH12040W
SLTS237A–DECEMBER 2004–REVISED OCTOBER 2005
TYPICAL CHARACTERISTICS(4)(5) (continued)
EFFICIENCY
POWER DISSIPATION
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 5.
Figure 6.
(3) The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 5 , and Figure 6.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com