Electronic Components Datasheet Search
  English  ▼

X  

PTH12040WAST Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12040WAST
Description  50-A, 8-V to 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12040WAST Datasheet(HTML) 21 Page - Texas Instruments

Back Button PTH12040WAST Datasheet HTML 17Page - Texas Instruments PTH12040WAST Datasheet HTML 18Page - Texas Instruments PTH12040WAST Datasheet HTML 19Page - Texas Instruments PTH12040WAST Datasheet HTML 20Page - Texas Instruments PTH12040WAST Datasheet HTML 21Page - Texas Instruments PTH12040WAST Datasheet HTML 22Page - Texas Instruments PTH12040WAST Datasheet HTML 23Page - Texas Instruments PTH12040WAST Datasheet HTML 24Page - Texas Instruments PTH12040WAST Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
www.ti.com
+
GND
Margin Up
Margin Down
Q2
Q1
+
0V
PTH12010W
(Top View)
1
2
10
9
8
7
6
5
4
3
GND
L
O
A
D
V
I
+V
O
+V
O
R
1%, 0.1 W
SET
C
I
R
D
R
U
C
O
Prebias Startup Capability
PTH12040W
SLTS237A–DECEMBER 2004–REVISED OCTOBER 2005
Table 5. Margin Up/Down Resistor Values
% ADJUST
RU /RD
50 kΩ
4
24.9 kΩ
3
66.5 kΩ
2150 kΩ
1397 kΩ
Figure 16. Margin Up/Down Application Schematic
The capability to start up into an output prebias condition is available to all the 12-V input series of PTH/PTV
power modules.
A prebias startup condition occurs as a result of an external voltage being present at the output of a power
module prior to its output becoming active. This often occurs in complex digital systems when current from
another power source is backfed through a dual-supply logic component, such as an FPGA or ASIC. Another
path might be via clamp diodes, sometimes used as part of a dual-supply power-up sequencing arrangement. A
prebias can cause problems with power modules that incorporate synchronous rectifiers. This is because under
most operating conditions, such modules can sink as well as source output current. The 12-V input PTH modules
all incorporate synchronous rectifiers, but do not sink current during startup, or whenever the Inhibit pin is held
low. Start up includes an initial delay (approximately 8–15 ms), followed by the rise of the output voltage under
the control of the module’s internal soft-start mechanism; see Figure 17.
Conditions for PreBias Holdoff
For the module to allow an output prebias voltage to exist (and not sink current), certain conditions must be
maintained. The module holds off a prebias voltage when the Inhibit pin is held low, and whenver the output is
allowed to rise under soft-start control. Power up under soft-start control occurs upon the removal of the ground
signal to the Inhibit pin (with input voltage applied), or when input power is applied with Auto-Track disabled[1].To
further ensure that the regulator doesn’t sink output current, (even with a ground signal applied to its Inhibit), the
input voltage must always be greater than the applied prebias source. This condition must exist throughout the
power-up sequence.
The soft-start period is complete when the output begins rising above the prebias voltage. Once it is complete
the module functions as normal, and sinks current if a voltage higher than the nominal regulation value is applied
to its output.
Note: If a prebias condition is not present, the soft-start period is complete when the output voltage has risen
to either the set-point voltage, or the voltage applied at the module’s Track control pin, whichever is lowest.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com