Electronic Components Datasheet Search
  English  ▼

X  

PTH12040WAST Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12040WAST
Description  50-A, 8-V to 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12040WAST Datasheet(HTML) 16 Page - Texas Instruments

Back Button PTH12040WAST Datasheet HTML 12Page - Texas Instruments PTH12040WAST Datasheet HTML 13Page - Texas Instruments PTH12040WAST Datasheet HTML 14Page - Texas Instruments PTH12040WAST Datasheet HTML 15Page - Texas Instruments PTH12040WAST Datasheet HTML 16Page - Texas Instruments PTH12040WAST Datasheet HTML 17Page - Texas Instruments PTH12040WAST Datasheet HTML 18Page - Texas Instruments PTH12040WAST Datasheet HTML 19Page - Texas Instruments PTH12040WAST Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
www.ti.com
Overtemperature Protection (OTP)
Output On/Off Inhibit
PTH12060W
1
10
4
5
6
2
3
L
O
A
D
1 = Inhibit
GND
9
8
Q1
BSS138
7
GN D
R
2k
1%
0.1 W
SET
C
330 F
O
m
C
560 F
I
m
V
I
V
O Sense
V
O
PTH12040W
SLTS237A–DECEMBER 2004–REVISED OCTOBER 2005
The PTH12020, PTH12030, and PTH12040 products have overtemperature protection. These products have an
on-board temperature sensor that protects the module’s internal circuitry against excessively high temperatures.
A rise in the internal temperature may be the result of a drop in airflow, or a high ambient temperature. If the
internal temperature exceeds the OTP threshold, the module’s Inhibit control is internally pulled low. This turns
the output off. The output voltage drops as the external output capacitors are discharged by the load circuit. The
recovery is automatic, and begins with a soft-start power up. It occurs when the the sensed temperature
decreases by about 10°C below the trip point.
Note: The overtemperature protection is a last resort mechanism to prevent thermal stress to the regulator.
Operation at or close to the thermal shutdown temperature is not recommended and reduces the long-term
reliability of the module. Always operate the regulator within the specified safe operating area (SOA) limits for
the worst-case conditions of ambient temperature and airflow.
For applications requiring output voltage on/off control, each series of the PTH family incorporates an output
Inhibit control pin. The inhibit feature can be used wherever there is a requirement for the output voltage from the
regulator to be turned off.
The power modules function normally when the Inhibit pin is left open-circuit, providing a regulated output
whenever a valid source voltage is connected to VI with respect to GND.
Figure 11 shows the typical application of the inhibit function. Note the discrete transistor (Q1). The Inhibit input
has its own internal pull-up to a potential of 5 V to 13.2 V (see footnotes to electrical characteristics table). The
input is not compatible with TTL logic devices. An open-collector (or open-drain) discrete transistor is
recommended for control.
Figure 11. Inhibit Control Circuit
Turning Q1 on applies a low voltage to the Inhibit control pin and disables the output of the module. If Q1 is then
turned off, the module executes a soft-start power-up sequence. A regulated output voltage is produced within 25
ms. Figure 12 shows the typical rise in both the output voltage and input current, following the turn-off of Q1. The
turn off of Q1 corresponds to the rise in the waveform, Q1 VDS. The waveforms were measured with a 5-A
constant current load.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com