Electronic Components Datasheet Search
  English  ▼

X  

2SC5820 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC5820
Description  Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5820 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SC5820 Datasheet HTML 2Page - Renesas Technology Corp 2SC5820 Datasheet HTML 3Page - Renesas Technology Corp 2SC5820 Datasheet HTML 4Page - Renesas Technology Corp 2SC5820 Datasheet HTML 5Page - Renesas Technology Corp 2SC5820 Datasheet HTML 6Page - Renesas Technology Corp 2SC5820 Datasheet HTML 7Page - Renesas Technology Corp 2SC5820 Datasheet HTML 8Page - Renesas Technology Corp 2SC5820 Datasheet HTML 9Page - Renesas Technology Corp 2SC5820 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2SC5820
Rev.2.00 Aug 10, 2005 page 6 of 10
S Parameter
(VCE = 2 V, IC = 5 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.844
-24.6
15.26
159.9
0.0124
78.9
0.976
-16.4
200
0.835
-23.1
15.07
162.9
0.0153
84.0
0.973
-11.7
300
0.838
-34.2
14.59
154.8
0.0236
80.2
0.953
-17.5
400
0.809
-45.7
13.94
147.1
0.0311
72.5
0.919
-23.6
500
0.781
-56.2
13.16
139.9
0.0387
67.5
0.879
-29.0
600
0.745
-66.8
12.39
133.1
0.0441
61.6
0.828
-33.9
700
0.710
-76.0
11.71
127.7
0.0506
56.2
0.779
-38.6
800
0.688
-85.5
10.89
121.8
0.0537
52.0
0.728
-41.9
900
0.659
-93.5
10.16
117.0
0.0579
47.7
0.682
-45.4
1000
0.639
-101.0
9.47
112.8
0.0610
46.8
0.641
-47.4
1100
0.633
-107.3
8.77
108.6
0.0643
41.1
0.601
-49.8
1200
0.596
-115.4
8.40
105.2
0.0640
40.4
0.560
-51.8
1300
0.578
-121.8
7.92
101.5
0.0665
37.6
0.528
-54.0
1400
0.570
-128.0
7.47
98.3
0.0675
37.4
0.499
-55.4
1500
0.556
-133.1
7.04
95.6
0.0685
32.9
0.473
-57.1
1600
0.548
-138.8
6.68
92.5
0.0691
32.9
0.449
-58.0
1700
0.541
-143.6
6.37
90.1
0.0693
32.5
0.422
-59.0
1800
0.532
-149.0
6.08
87.5
0.0699
30.2
0.400
-60.6
1900
0.529
-153.1
5.77
85.0
0.0716
30.6
0.384
-60.7
2000
0.523
-157.1
5.53
83.2
0.0735
28.8
0.370
-62.1
2100
0.520
-162.0
5.29
80.4
0.0719
30.4
0.349
-62.5
2200
0.521
-164.7
5.03
79.1
0.0733
28.1
0.345
-63.6
2300
0.521
-168.8
4.86
76.4
0.0752
26.6
0.326
-64.0
2400
0.521
-172.0
4.67
74.4
0.0748
26.8
0.312
-64.8
2500
0.520
-175.7
4.53
72.3
0.0752
26.8
0.297
-65.6
2600
0.522
-178.4
4.33
70.6
0.0765
26.2
0.292
-66.7
2700
0.525
178.2
4.21
68.6
0.0771
27.6
0.280
-67.8
2800
0.526
175.6
4.05
67.2
0.0775
27.4
0.275
-68.9
2900
0.529
172.4
3.91
64.8
0.0785
25.5
0.260
-69.5
3000
0.532
169.7
3.82
62.7
0.0772
24.6
0.249
-70.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com