Electronic Components Datasheet Search
  English  ▼

X  

2SC5820 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 2SC5820
Description  Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5820 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 2SC5820 Datasheet HTML 3Page - Renesas Technology Corp 2SC5820 Datasheet HTML 4Page - Renesas Technology Corp 2SC5820 Datasheet HTML 5Page - Renesas Technology Corp 2SC5820 Datasheet HTML 6Page - Renesas Technology Corp 2SC5820 Datasheet HTML 7Page - Renesas Technology Corp 2SC5820 Datasheet HTML 8Page - Renesas Technology Corp 2SC5820 Datasheet HTML 9Page - Renesas Technology Corp 2SC5820 Datasheet HTML 10Page - Renesas Technology Corp 2SC5820 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
2SC5820
Rev.2.00 Aug 10, 2005 page 9 of 10
(VCE = 2 V, IC = 30 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.441
-34.8
45.76
160.6
0.0061
84.2
0.913
-13.6
200
0.449
-65.1
40.75
143.5
0.0110
78.8
0.838
-26.7
300
0.455
-88.7
34.81
129.9
0.0153
69.4
0.741
-37.1
400
0.455
-107.9
29.32
119.4
0.0185
63.3
0.641
-45.5
500
0.451
-122.1
24.83
111.5
0.0223
61.5
0.558
-51.2
600
0.450
-133.9
21.25
105.6
0.0238
58.6
0.485
-55.6
700
0.449
-142.5
18.53
101.1
0.0280
55.9
0.428
-58.5
800
0.451
-150.6
16.36
97.0
0.0284
57.8
0.378
-60.4
900
0.449
-156.4
14.62
93.7
0.0321
55.5
0.340
-62.8
1000
0.449
-161.7
13.25
91.1
0.0347
57.7
0.308
-63.1
1100
0.453
-166.3
12.05
88.4
0.0360
55.5
0.279
-64.9
1200
0.455
-171.0
11.05
86.3
0.0364
58.0
0.256
-64.1
1300
0.457
-175.0
10.23
84.0
0.0399
56.7
0.236
-65.2
1400
0.460
-178.3
9.50
82.0
0.0413
58.5
0.220
-65.5
1500
0.460
178.5
8.86
80.2
0.0438
54.8
0.204
-66.2
1600
0.466
175.5
8.32
78.1
0.0437
55.1
0.190
-65.9
1700
0.466
172.7
7.84
76.5
0.0465
56.5
0.176
-65.8
1800
0.471
169.8
7.41
74.8
0.0481
55.4
0.165
-66.4
1900
0.472
167.4
7.02
73.2
0.0517
56.0
0.157
-66.9
2000
0.476
165.0
6.69
71.6
0.0540
54.4
0.149
-66.8
2100
0.480
162.7
6.35
69.9
0.0560
56.9
0.139
-67.3
2200
0.483
160.5
6.08
68.5
0.0573
55.2
0.134
-67.8
2300
0.487
158.7
5.81
66.9
0.0604
52.3
0.126
-67.7
2400
0.489
156.8
5.56
65.4
0.0617
53.6
0.117
-68.2
2500
0.493
154.9
5.35
63.8
0.0633
53.4
0.110
-68.8
2600
0.497
153.0
5.14
62.2
0.0659
51.6
0.107
-70.8
2700
0.504
151.6
4.96
60.9
0.0690
52.2
0.101
-72.8
2800
0.507
149.5
4.77
59.6
0.0711
52.9
0.099
-73.4
2900
0.511
148.0
4.59
58.1
0.0714
50.9
0.091
-76.1
3000
0.515
146.3
4.47
56.5
0.0717
49.4
0.085
-78.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com